Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8024B Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AP8024B
Description  NON-ISOLATED PFM CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8024B Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AP8024B Datasheet HTML 1Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 2Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 3Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 4Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 5Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 6Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 7Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 8Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8024
AC-DC PFM CONTROLLER
NON-ISOLATED PFM CONVERTERS
REV2.0
- JAN 2015 RELEASED, MAR 2018 UPDATED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25℃, unless otherwise noted
VDD, Supply Voltage Pin
-0.3V~40V
SW, High-Voltage Pin
-0.3V~650V
Junction Operating Temperature
-40℃~150℃
Storage Temperature Range
-55℃~150℃
Lead Temperature (Soldering, 10secs)
260℃
Package Thermal Resistance (DIP7)
40℃/W
ESD Voltage Protection (HBM, ESDA/JEDEC JDS-001-2014)
±4kV
ESD Voltage ProtectionNOTE1
(Air discharge to pins of AP8024 with ESD Generator)
8kV
The Biggest Drain Pulse Current (Tpulse=100us)
3A
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
NOTE1: Enterprise internal standards, for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com