Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8024B Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AP8024B
Description  NON-ISOLATED PFM CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8024B Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AP8024B Datasheet HTML 1Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 2Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 3Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 4Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 5Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 6Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 7Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 8Page - AiT Semiconductor Inc. AP8024B Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8024
AC-DC PFM CONTROLLER
NON-ISOLATED PFM CONVERTERS
REV2.0
- JAN 2015 RELEASED, MAR 2018 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
Power Supply Section
TA =25°C, VDD = 11V, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Drain Break-Down Voltage
BVDSS
ISW = 250uA
650
690
-
V
Off-State Drain Current
IOFF
VSW = 500V
-
-
100
μA
VDMOS on State Resistance
RDS(ON)
ISW = 400mA, TJ =25°C
-
13.5
-
Ω
Start up Threshold
VSW_START VDD = VDDon - 1V
-
30
-
V
Supply Section
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
VDD Voltage Parameter
Operating Voltage Range
VDD
After turn-on
10
-
20
V
VDD Start Up Threshold
VDDon
10.5
11.5
12.5
V
VDD Under Voltage Shutdown
Threshold
VDDoff
8
9
10
V
VDD Voltage Hysteresis
VDDhys
-
2.5
-
V
VDD Clamp Voltage
VDDclamp
18
20
22
V
VDD Feedback Reference
VDD-REF
-
12.3
-
V
VDD Current Parameter
VDD Charge Current
IDDch
VDD = 5V
-
-3
-
mA
Off-State Current
IDDoff
VDD = 6V
0.3
0.6
0.9
mA
Operating Supply Current
IDD1
VDD = 13V
-
1.2
-
mA
Operating Supply Current, With
Protection Tripping
IDD_FAULT VDD = 11V
-
1
-
mA
Control Section
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Current Sense Parameter
Drain Current Limit
Ilimit
490
580
670
mA
Leading Edge Blanking Time
tLEB
-
300
-
ns
Feedback Input
Minimum Turn OFF Time
toffmin
15
18
21
us
Maximum Turn ON Time
tonmax
-
13
-
us
Thermal Shutdown
OTP Threshold
TSD
135
150
-
°C
OTP Protect Hysteresis
THYST
-
30
-
°C
Restart Protection
Restart Time
tRESTART CVDD=4.7μF
-
3
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com