Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC400-RTR2 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments CC400-RTR2 Datasheet HTML 26Page - Texas Instruments CC400-RTR2 Datasheet HTML 27Page - Texas Instruments CC400-RTR2 Datasheet HTML 28Page - Texas Instruments CC400-RTR2 Datasheet HTML 29Page - Texas Instruments CC400-RTR2 Datasheet HTML 30Page - Texas Instruments CC400-RTR2 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
CC400
SWRS050
Page 29 of 32
32.
Plastic Tube Specification
SSOP 5.3mm (.208”) antistatic tube.
Tube Specification
Package
Tube Width
Tube Height
Tube
Length
Units per Tube
SSOP 28
10.6
4 mm
20”
47
Table 15: Plastic Tube Specification
33.
Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
SSOP 28
24 mm
12 mm
4 mm
13”
2000
Table 16: Carrier Tape and Reel Specification
34.
Ordering Information
Ordering part number
Description
CC400-STB2
CC400 8inch wafer, SSOP28 package, standard leaded assembly,
tubes with 47 pcs per tube
CC400-STR2
CC400 8inch wafer, SSOP28 package, standard leaded assembly, T&R
with 2000 pcs per reel
CC400-RTB2
CC400 8inch wafer, SSOP28 package, RoHS compliant Pb-free
assembly, tubes with 47 pcs per tube
CC400-RTR2
CC400 8inch wafer, SSOP28 package, RoHS compliant Pb-free
assembly, T&R with 2000 pcs per reel
CC400DK
CC400 Development Kit
CC400SK
CC400 Sample Kit ( 5 pcs.)
Table 17: Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com