Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC400-RTR2 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments CC400-RTR2 Datasheet HTML 26Page - Texas Instruments CC400-RTR2 Datasheet HTML 27Page - Texas Instruments CC400-RTR2 Datasheet HTML 28Page - Texas Instruments CC400-RTR2 Datasheet HTML 29Page - Texas Instruments CC400-RTR2 Datasheet HTML 30Page - Texas Instruments CC400-RTR2 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
CC400
SWRS050
Page 27 of 32
REGISTER
NAME
Default
value
Active
Description
H[8]
TOPFILT
-
Demodulator data filter topology
AC coupling by-pass
0 = Two AC couplings
1 = One AC coupling
H[7:6]
HYSTDEM[1:0]
-
Demodulator data slicer comparator hysteresis
00 = 0mV
01 = 15mV
10 = 40mV
11 = 100mV
H[5:4]
HPDEM[1:0]
-
Demodulator data filter high-pass cut-off
00 = 30Hz
01 = 60Hz
10 = 120Hz
11 = 240Hz
H[3]
EXTACDF
0
Demodulator external AC-coupling
0 = Internal
1 = Eksternal (NA)
H[2]
IFSIGEXT
0
IF test mode
IF signal input at TX_DATA pin
Use LOCK pin as demodulator output
0 = Normal
1 = Test mode
H[1]
QUADSWING
-
Quadrature detector output level
0 = VDD (normal setting)
1 = Reduced amplitude (VDD/2)
H[0]
IFDOFF
0
IF and demodulator Power Down (overrided by global power
down).
0 = IF and demodulator active (if PD=0 and RxTx=0). Normal
setting.
1 = IF and demodulator power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com