Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISTS708 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISTS708
Description  REFLECTIVE OPTICAL SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISTS708 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISTS708 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISTS708 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISTS708 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
ISOCOM INC
720 E., Park Boulevard, Suite 104,
Plano, TX 75074 USA
Tel: (972) 423-5521
Fax: (972) 422-4549
24/9/97
DB92074-AAS/A1
REFLECTIVE OPTICAL
SWITCHES
ISTS149, ISTS703A, ISTS708
Dimensions in mm
DESCRIPTION
The ISTS149, ISTS703A, ISTS708 each consist
of an infrared emitting diode and a NPN silicon
photo transistor mounted side by side on
converging axes in a polycarbonate housing. The
package is designed to optimise the mechanical
resolution, coupling efficiency, ambient light
rejection, cost and reliability.The phototransistor
responds to radiation from the emitter only when
a reflective object passes within its field of view
FEATURES
l
Phototransistor output
l
Opaque housing provides improved
visible light rejection
l
Three available package types
l
Adjustable side-mounting provision
l
Also available with flying leads, with or
without connector, supplied as required
APPLICATIONS
l
Copiers, Printers, Facsimilies, Record
Players, Casette Decks, Optoelectronic
Switches, VCR's,
1
2
4
3
17.8
9.7
5.1
3.18 nom.
3.18 nom.
4.45 nom.
point of
optimum
response
point of
optimum
response
3.3
3.0
4.1
3.5
5.1
2.54
15.5
15.0
9.5
12.3
5.1
17.8
2.54
4.6
8.9
2.54
2.3
3.8
9.15
5.1
17.0
1.70
1.45
8.0
5.5
2.54
0.5
sq.
15.0
22.8
12
34
12
34
43
21
point of
optimum
response
ISTS708
ISTS149
ISTS703A
3.3
3.0
0.5
sq.
0.5
sq.


Similar Part No. - ISTS708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISTS100 ETC-ISTS100 Datasheet
56Kb / 3P
1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
logo
ISOCOM COMPONENTS
ISTS105A ISOCOM-ISTS105A Datasheet
145Kb / 4P
SINGLE CHANNEL SLOTTED INTERRUPTER SWITCH WITH TRANSISTOR SENSORS
logo
List of Unclassifed Man...
ISTS150 ETC1-ISTS150 Datasheet
41Kb / 3P
TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS200 ETC-ISTS200 Datasheet
56Kb / 3P
1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS250 ETC1-ISTS250 Datasheet
41Kb / 3P
TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
More results

Similar Description - ISTS708

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
Optical Reflective Sensors
HEDS-1200 HP-HEDS-1200 Datasheet
158Kb / 8P
Optical Reflective Sensors
logo
List of Unclassifed Man...
CLI200 ETC-CLI200 Datasheet
81Kb / 2P
OPTICAL SWITCHES
CLI600 ETC1-CLI600 Datasheet
66Kb / 2P
Optical Switches
CLI840 ETC2-CLI840 Datasheet
76Kb / 2P
OPTICAL SWITCHES
logo
OSRAM GmbH
SFH-7740 OSRAM-SFH-7740 Datasheet
432Kb / 14P
Reflective Optical Switch
logo
TT Electronics.
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
SMD Reflective Optical Sensor
logo
Broadcom Corporation.
HEDS-1300 BOARDCOM-HEDS-1300 Datasheet
503Kb / 8P
Optical Reflective Sensor
logo
OSRAM GmbH
SFH7740 OSRAM-SFH7740 Datasheet
432Kb / 14P
Reflexlichtschranke Reflective Optical Switch
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-1300 AVAGO-HEDS-1300 Datasheet
503Kb / 8P
Optical Reflective Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com