Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 2Page - STMicroelectronics L6711TR Datasheet HTML 3Page - STMicroelectronics L6711TR Datasheet HTML 4Page - STMicroelectronics L6711TR Datasheet HTML 5Page - STMicroelectronics L6711TR Datasheet HTML 6Page - STMicroelectronics L6711TR Datasheet HTML 7Page - STMicroelectronics L6711TR Datasheet HTML 8Page - STMicroelectronics L6711TR Datasheet HTML 9Page - STMicroelectronics L6711TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
L6711
6/38
38
VCCDR3
Channel 3 LS driver supply: it can be varied from 5V to 12V buses.
It must be connected together with other VCCDRx pins.
Filter locally with at least 1
µF ceramic cap vs. PGND3.
39
PGND2
Channel 2 LS driver return path.
Connect to Power Ground Plane.
40
LGATE2
Channel 2 LS driver output.
A little series resistor helps in reducing device-dissipated power.
41
VCCDR2
Channel 2 LS driver supply: it can be varied from 5V to 12V buses.
It must be connected together with other VCCDRx pins.
Filter locally with at least 1
µF ceramic cap vs. PGND2.
42
PHASE2 Channel 2 HS driver return path. It must be connected to the HS2 mosfet source and provides
the return path for the HS driver of channel 2.
43
UGATE2 Channel 2 HS driver output.
A little series resistor helps in reducing device-dissipated power.
44
BOOT2
Channel 2 HS driver supply. This pin supplies the relative high side driver.
Connect through a capacitor (100nF Typ.) to the PHASE2 pin and through a diode to VCC (cath-
ode vs. boot).
45
BOOT1
Channel 1 HS driver supply. This pin supplies the relative high side driver.
Connect through a capacitor (100nF Typ.) to the PHASE1 pin and through a diode to VCC (cath-
ode vs. boot).
46
UGATE1 Channel 1 HS driver output.
A little series resistor helps in reducing device-dissipated power.
47
PHASE1 Channel 1 HS driver return path. It must be connected to the HS1 mosfet source and provides
the return path for the HS driver of channel 1.
48
N.C.
Not internally connected.
PAD
THERM
AL PAD
Thermal pad connects the silicon substrate and makes a good thermal contact with the PCB to
dissipate the power necessary to drive the external mosfets. Connect to the GND plane with sev-
eral vias to improve thermal conductivity.
Electrical Characteristcs
(VCC=12V±15%, TJ = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC SUPPLY CURRENT
ICC
VCC supply current
HGATEx and LGATEx open
VCCDRx=VBOOTx=12V
18
23
mA
ICCDRx
VCCDRx supply current
LGATEx open; VCCDRx=12V
1.5
2
mA
IBOOTx
BOOTx supply current
HGATEx open;PHASEx to
PGNDx
VCC=BOOTx=12V
11.5
mA
POWER-ON
Turn-On VCC threshold
VCC Rising; VCCDRx=5V
8.2
9.2
10.2
V
Turn-Off VCC threshold
VCC Falling; VCCDRx=5V
6.5
7.5
8.5
V
Turn-On VCCDRx
Threshold
VCCDRx Rising
VCC=12V
4.2
4.4
4.6
V
Table 4. Pin Function (continued)
N°
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com