Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 3Page - STMicroelectronics L6711TR Datasheet HTML 4Page - STMicroelectronics L6711TR Datasheet HTML 5Page - STMicroelectronics L6711TR Datasheet HTML 6Page - STMicroelectronics L6711TR Datasheet HTML 7Page - STMicroelectronics L6711TR Datasheet HTML 8Page - STMicroelectronics L6711TR Datasheet HTML 9Page - STMicroelectronics L6711TR Datasheet HTML 10Page - STMicroelectronics L6711TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7/38
L6711
Turn-Off VCCDRx
Threshold
VCCDRx Falling
VCC=12V
4.0
4.2
4.4
V
OSCILLATOR AND INHIBIT
fOSC
Initial Accuracy
OSC = OPEN
OSC = OPEN; TJ=0 to 125
°C
135
127
150
165
178
kHz
kHz
OUTENIL
Output Enable Threshold
Input Low
0.3
V
OUTENIH
Input High
0.5
V
dMAX
Maximum duty cycle
OSC = OPEN: CS_SEL = OPEN;
IFB=0
72
80
%
OSC = OPEN; CS_SEL = OPEN;
IFB=105
µA
30
40
%
∆Vosc
Ramp Amplitude
3
V
FAULT
Voltage at pin OSC
OVP or UVP Active
4.70
5.0
5.30
V
REFERENCE AND DAC
Output Voltage
Accuracy
VRD10.x DAC
FBR = VOUT; FBG = GNDOUT
-0.5
-
0.5
%
HAMMER DAC
FBR = VOUT; FBG = GNDOUT
-0.6
-
0.6
%
IVID, IVID_SEL
VID, VID_SEL
pull-up Current
VIDx = GND
VID_SEL=GND
34.5
6
µA
VID, VID_SEL
pull-up Voltage
VIDx = OPEN
VID_SEL = OPEN
3V
VIDIL
VID, VID_SEL
Threshold
Input Low
0.4
V
VIDIH
Input High
0.8
V
ERROR AMPLIFIER
A0
DC Gain
80
dB
SR
Slew-Rate
COMP = 10pF
15
V/
µs
DIFFERENTIAL AMPLIFIER (REMOTE BUFFER)
DC Gain
1
V/V
CMRR
Common Mode Rejection Ratio
40
dB
SR
Slew Rate
VSEN = 10pF
15
V/
µs
DIFFERENTIAL CURRENT SENSING AND OFFSET
ICSx-
Bias Current
ILOAD = 0
50
µA
ICSx+
Bias Current
50
µA
Current Sense Mismatch
-3
-
3
•%
IOCTH
Over Current Threshold
ICSx-(OCP)-ICSx-(0)
30
35
40
µA
Electrical Characteristcs (continued)
(VCC=12V±15%, TJ = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
I
IN F O x
I
AVG
–
I
AVG
-----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com