Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7715 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7715
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7715 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMP7715 Datasheet HTML 1Page - National Semiconductor (TI) LMP7715 Datasheet HTML 2Page - National Semiconductor (TI) LMP7715 Datasheet HTML 3Page - National Semiconductor (TI) LMP7715 Datasheet HTML 4Page - National Semiconductor (TI) LMP7715 Datasheet HTML 5Page - National Semiconductor (TI) LMP7715 Datasheet HTML 6Page - National Semiconductor (TI) LMP7715 Datasheet HTML 7Page - National Semiconductor (TI) LMP7715 Datasheet HTML 8Page - National Semiconductor (TI) LMP7715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2.5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 2.5V, V− =0V,V
O =VCM =V
+/2. Boldface limits ap-
ply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
I
O
Output Short Circuit Current
Sourcing to V
−
V
IN = 200 mV (Note 9)
36
30
52
mA
Sinking to V
+
V
IN = −200 mV (Note 9)
7.5
5.0
15
I
S
Supply Current
LMP7715
0.95
1.30
1.65
mA
LMP7716 (per channel)
1.10
1.50
1.85
SR
Slew Rate
A
V = +1, Rising (10% to 90%)
8.3
V/µs
A
V = +1, Falling (90% to 10%)
10.3
GBW
Gain Bandwidth Product
14
MHz
e
n
Input-Referred Voltage Noise
f = 400 Hz
6.8
nV/
f = 1 kHz
5.8
i
n
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
THD+N
Total Harmonic Distortion +
Noise
f = 1 kHz, A
V =1,RL = 100 k
Ω
V
O = 0.9 VPP
0.003
%
f = 1 kHz, A
V =1,RL = 600
Ω
V
O = 0.9 VPP
0.004
5V Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V− = 0V, V
CM =V
+/2. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
±10
±150
±450
µV
TC V
OS
Input Offset Average Drift
(Note 6)
LMP7715
–1
±4
µV/˚C
LMP7716
–1.75
I
B
Input Bias Current
(Notes 7, 8)
0.1
50
100
pA
I
OS
Input Offset Current
(Note 8)
0.01
25
50
pA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 3.7V
85
82
100
dB
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V
V
− = 0V, V
CM =0
85
80
100
dB
1.8V
≤ V+ ≤ 5.5V
V
− = 0V, V
CM =0
85
98
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 80 dB
CMRR
≥ 78 dB
−0.3
–0.3
4
4
V
A
VOL
Large Signal Voltage Gain
LMP7715, V
O = 0.3 to 4.7V
R
L =2k
Ω to V+/2
88
82
107
dB
LMP7716, V
O = 0.3 to 4.7V
R
L =2k
Ω to V+/2
84
80
90
LMP7715, V
O = 0.3 to 4.7V
R
L =10k
Ω to V+/2
92
88
110
LMP7716, V
O = 0.3 to 4.7V
R
L =10k
Ω to V+/2
90
86
95
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com