Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7715 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7715
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7715 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMP7715 Datasheet HTML 1Page - National Semiconductor (TI) LMP7715 Datasheet HTML 2Page - National Semiconductor (TI) LMP7715 Datasheet HTML 3Page - National Semiconductor (TI) LMP7715 Datasheet HTML 4Page - National Semiconductor (TI) LMP7715 Datasheet HTML 5Page - National Semiconductor (TI) LMP7715 Datasheet HTML 6Page - National Semiconductor (TI) LMP7715 Datasheet HTML 7Page - National Semiconductor (TI) LMP7715 Datasheet HTML 8Page - National Semiconductor (TI) LMP7715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly onto a PC Board.
Note 4: Typical values represent the most likely parametric norm at the time of characterization.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using the Statistical Quality
Control (SQC) method.
Note 6: Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Guaranteed by design.
Note 9: The short circuit test is a momentary open loop test.
Connection Diagrams
5-Pin SOT23
8-Pin MSOP
20183601
Top View
20183602
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT23
LMP7715MF
AV3A
1k Units Tape and Reel
MF05A
LMP7715MFX
3k Units Tape and Reel
8-Pin MSOP
LMP7716MM
AX3A
1k Units Tape and Reel
MUA08A
LMP7716MMX
3.5k Units Tape and Reel
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com