Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTL08GP053EV Datasheet(PDF) 21 Page - NXP Semiconductors

Part # CBTL08GP053EV
Description  USB Type-C High performance Crossbar Switch IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL08GP053EV Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button CBTL08GP053EV Datasheet HTML 17Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 18Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 19Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 20Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 21Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 22Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 23Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 24Page - NXP Semiconductors CBTL08GP053EV Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
CBTL08GP053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2016
21 of 38
NXP Semiconductors
CBTL08GP053
USB Type-C High performance Crossbar Switch IC
All S-parameter measurements are with respect to 100
 differential impedance reference
and 50
 single-ended impedance reference.
10.3 Sideband Auxiliary Crossbar switch characteristics
All S-parameter measurements are with respect to 100
 differential impedance reference
and 50
 single-ended impedance reference.
Table 21.
Sideband Auxiliary Crossbar switch characteristics
Over ambient temperature and power supply ranges (unless otherwise noted). Typical values are specified at 27 °C
(unless otherwise noted).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI
input voltage
0.3
-
+5.3
V
Vse, LO
Single ended voltage LOW
level
Applicable for single ended signal
switching use cases
-
-
0.3

VDD(IO)
V
Vse, HI
Single ended voltage HIGH
level
Applicable for single ended signal
switching use cases
0.7

VDD(IO)
-5.3
V
Vse,pp swing
Single ended peak to peak
voltage swing (diff. signal
switching use cases)
Up to 75 MHz
-
-
5.3
V
75 MHz to 500 MHz
0.075
-
0.575
V
Vcm
Common mode voltage (diff.
signal switching use cases)
Up to 75 MHz
0.8
-
2.65
V
75 MHz to 500 MHz
0.05
-
+0.5
V
Ron
ON-state resistance
Vcm = 0.05 V to 2.65 V, I = 20 mA
-
7.1
10
Imax
Maximum sustained DC current
flow
--
20
mA
tpd
Propagation delay
At mid-point of differential voltage
transition
-80
100
ps
tSK
Intra pair skew
-
-
5
ps
BW
3 dB bandwidth
-
750
-
MHz
DDDIL
Differential Insertion Loss
Switch path is not enabled
f = 500 MHz
-
20
-
dB
f = 250 MHz
-
26
-
dB
Switch path is enabled
f = 750 MHz
-
3.0
-
dB
f = 500 MHz
-
1.5
-
dB
f = 375 MHz
-
1.2
-
dB
f = 250 MHz
-
1.0
-
dB
DDRL
Differential return loss
f = 500 MHz
-
11
-
dB
f = 375 MHz
-
13
-
dB
f = 250 MHz
-
16
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com