Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25CSM04T-I/MF Datasheet(PDF) 30 Page - Microchip Technology

Part # 25CSM04T-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/MF Datasheet(HTML) 30 Page - Microchip Technology

Back Button 25CSM04T-I/MF Datasheet HTML 26Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 27Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 28Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 29Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 30Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 31Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 32Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 33Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
25CSM04
DS20005817D-page 30
 2019-2022 Microchip Technology Inc. and its subsidiares
9.1.1
READING THE
FACTORY-PROGRAMMED 128-BIT
SERIAL NUMBER
The Security register contains a factory-programmed,
globally unique, read-only 128-bit serial number. This
serial number is unique across all varieties of Microchip
CS series EEPROM and it is located in the lower 16
bytes of the Security register (bytes 0h-Fh). Reading
the serial number is accomplished in the same way as
the reading of any other data in the Security register.
9.2
Writing to the Security Register
Executing a write sequence to the Security register is
identical to the EEPROM as described in Section 8.1.1
“Byte Write” and Section 8.1.2 “Page Write” with the
exception that the WREX (82h) instruction is used and
A10 must be a logic ‘0’ and A8 must be a logic ‘1’ in
order to write the user-programmable lockable ID page.
In Legacy Write Protection mode, the Security register
is write-protected when the BP [1:0] bits (byte 0, bits
3-2) of the STATUS register = 11. There is no
dependency on the WPEN bit (byte 0, bit 7) of the
STATUS register or the WP pin.
The user-programmable lockable ID page of the
Security register can also be permanently locked such
that its contents also become read-only. This is
accomplished with LOCK instruction. Determining if the
device has previously been locked can be determined
with the CHLK instruction. If the Security register is
locked, any subsequent WREX instructions will be
ignored.
9.2.1
LOCKING THE SECURITY
REGISTER
The upper 256 bytes of the Security register are
shipped by Microchip in a user-programmable state.
Once
the
desired
data
is
written,
the
user-programmable lockable ID page of the Security
register can be permanently write-protected with the
LOCK instruction.
The LOCK instruction is irreversible and will
permanently prevent all future write sequences to the
upper 256 bytes of the Security register on the
25CSM04, thereby rendering the entire 512-byte
Security register read-only.
The LOCK instruction emulates a write sequence in that
a WREN instruction must first be sent to set the WEL bit
in the STATUS register to logic ‘1’. As shown in
Figure 9-4, the LOCK (82h) instruction is clocked in on
the SI line, followed by a dummy address where bits
A23 through A0 are “don’t care” bits with the exception
that bit A10 must be set to ‘1’. Finally, a confirmation
data byte of xxxxxx1xb is sent and the self-timed
internal write cycle will begin once the CS pin is driven
high.
Note:
To ensure a unique number, the 128-bit
serial number must be read from the
starting address. Additionally, the entire
serial number must be read to realize a
completely unique value.
Note:
If the CS pin is deasserted at somewhere
other than the end of an 8-bit byte
boundary, the sequence will be aborted
and no write cycle will take place.
Note:
The LOCK instruction will be ignored if the
WPEN bit (byte 0, bit 7) of the STATUS
register is set to a logic ‘1’ and the WP pin
is asserted.
Note:
Once the Security register has been
locked, it is not possible to unlock it.
Note:
If the CS pin is deasserted before the end
of the 40-bit sequence, the sequence will
be aborted and no write cycle will take
place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com