Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIU5D25-331M Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # PIU5D25-331M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D25-331M Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  PIU5D25-331M Datasheet HTML 1Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 2Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 3Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 4Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 5Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
●ELECTRICAL CHARACTERISTICS
PART NUMBER
L (uH)
DCR
(Ω) Typ.
IDC(A) Typ.
I rms(A) Typ.
L drop 10%
L drop 35%
PIU2D10-1R2Y
1.2
0.070
1.00
1.40
1.50
PIU2D10-1R5Y
1.5
0.087
1.00
1.36
1.40
PIU2D10-1R8Y
1.8
0.097
0.90
1.24
1.35
PIU2D10-2R2Y
2.2
0.136
0.80
0.97
1.10
PIU2D10-2R7Y
2.7
0.127
0.76
0.94
1.10
PIU2D10-3R3Y
3.3
0.175
0.68
0.88
1.00
PIU2D10-3R9Y
3.9
0.200
0.62
0.84
0.90
PIU2D10-4R7Y
4.7
0.274
0.60
0.82
0.85
PIU2D10-5R6Y
5.6
0.319
0.54
0.72
0.75
PIU2D10-6R8Y
6.8
0.330
0.46
0.60
0.70
PIU2D10-8R2Y
8.2
0.420
0.44
0.58
0.65
PIU2D10-100M
10
0.470
0.42
0.54
0.60
PIU2D10-120M
12
0.675
0.32
0.44
0.55
PIU2D10-150M
15
0.800
0.30
0.40
0.50
PIU2D10-180M
18
0.890
0.30
0.38
0.45
PIU2D10-220M
22
1.110
0.26
0.32
0.40
PIU2D10-270M
27
1.600
0.24
0.30
0.34
PIU2D10-330M
33
1.600
0.22
0.28
0.34
PIU2D10-470M
47
2.430
0.18
0.22
0.24
Note1: Test Condition: 1kHz, 1V
Note2: Tolerance Y=M: ±20%, N±30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com