Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIU5D25-331M Datasheet(PDF) 9 Page - AiT Semiconductor Inc.

Part # PIU5D25-331M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D25-331M Datasheet(HTML) 9 Page - AiT Semiconductor Inc.

Back Button PIU5D25-331M Datasheet HTML 5Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 10Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 11Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 12Page - AiT Semiconductor Inc. PIU5D25-331M Datasheet HTML 13Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L
(uH)
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
PIU5D12-R47M
0.47±20%
0.0246
3.86
3.19
PIU5D12-1R2M
1.20±20%
0.0366
2.45
2.62
PIU5D12-1R5M
1.50±20%
0.0521
2.08
2.19
PIU5D12-2R2M
2.20±20%
0.0747
1.80
1.83
PIU5D12-3R3M
3.30±20%
0.1043
1.42
1.55
PIU5D12-4R7M
4.70±20%
0.1177
1.29
1.46
PIU5D12-6R2M
6.20±20%
0.1699
1.08
1.21
PIU5D12-6R8M
6.80±20%
0.1900
0.98
1.15
PIU5D12-8R2M
8.20±20%
0.2399
0.931
1.02
PIU5D12-100M
10±20%
0.2844
0.818
0.938
PIU5D12-120M
12±20%
0.3750
0.750
0.850
PIU5D12-150M
15±20%
0.4089
0.692
0.782
PIU5D12-220M
22±20%
0.6338
0.574
0.628
PIU5D12-330M
33±20%
0.9289
0.474
0.519
PIU5D12-470M
47±20%
1.37
0.391
0.428
PIU5D12-680M
68±20%
2.16
0.325
0.341
PIU5D12-820M
82±20%
2.36
0.297
0.326
PIU5D12-101M
100±20%
2.64
0.273
0.308
PIU5D12-151M
150±20%
3.96
0.220
0.251
PIU5D12-221M
220±20%
4.76
0.181
0.229
PIU5D12-331M
330±20%
7.25
0.148
0.186
PIU5D12-471M
470±20%
8.95
0.126
0.167
PIU5D12-681M
680±20%
11.30
0.104
0.149
PIU5D12-821M
820±20%
14.93
0.095
0.129
PIU5D12-102M
1000±20%
17.20
0.086
0.121
Note: Measurement frequency of Inductance value : at 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com