Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922-EST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4922-EST
Description  12-Bit DAC with SPI??Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-EST Datasheet(HTML) 1 Page - Microchip Technology

  MCP4922-EST Datasheet HTML 1Page - Microchip Technology MCP4922-EST Datasheet HTML 2Page - Microchip Technology MCP4922-EST Datasheet HTML 3Page - Microchip Technology MCP4922-EST Datasheet HTML 4Page - Microchip Technology MCP4922-EST Datasheet HTML 5Page - Microchip Technology MCP4922-EST Datasheet HTML 6Page - Microchip Technology MCP4922-EST Datasheet HTML 7Page - Microchip Technology MCP4922-EST Datasheet HTML 8Page - Microchip Technology MCP4922-EST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2004 Microchip Technology Inc.
DS21897A-page 1
MCP4921/4922
Features
•12-Bit Resolution
• ±0.2 LSB DNL (typ)
• ±2 LSB INL (typ)
• Single or Dual Channel
• Rail-to-Rail Output
• SPI™ Interface with 20 MHz Clock Support
• Simultaneous Latching of the Dual DACs w/LDAC
• Fast Settling Time of 4.5 µs
• Selectable Unity or 2x Gain Output
• 450 kHz Multiplier Mode
•External VREF Input
• 2.7V to 5.5V Single-Supply Operation
• Extended Temperature Range: -40°C to +125°C
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Digitally-Controlled Multiplier/Divider
• Portable Instrumentation (Battery-Powered)
• Motor Feedback Loop Control
Block Diagram
Description
The Microchip Technology Inc. MCP492X are 2.7 –
5.5V, low-power, low DNL, 12-Bit Digital-to-Analog Con-
verters (DACs) with optional 2x buffered output and SPI
interface.
The MCP492X are DACs that provide high accuracy
and low noise performance for industrial applications
where calibration or compensation of signals (such as
temperature, pressure and humidity) are required.
The MCP492X are available in the extended tempera-
ture range and PDIP, SOIC, MSOP and TSSOP
packages.
The MCP492X devices utilize a resistive string archi-
tecture, with its inherent advantages of low DNL error,
low ratio metric temperature coefficient and fast settling
time. These devices are specified over the extended
temperature range. The MCP492X include double-
buffered inputs, allowing simultaneous updates using
the LDAC pin.
These devices also incorporate a
Power-On Reset (POR) circuit to ensure reliable
power-up.
Package Types
Op Amps
VDD
AVSS
CS
SDI
SCK
Interface Logic
Input
Register A Register B
Input
DACA
Register
Register
DACB
String
DACB
String
DACA
VREF
Output
Logic
Power-on
Reset
VREF
A
B
VOUTA
VOUTB
LDAC
Buffer
Buffer
SHDN
Output
Gain
Logic
Gain
Logic
14
8-Pin PDIP, SOIC, MSOP
1
2
3
4
8
7
6
5
CS
SCK
SDI
VDD
AVSS
VOUTA
VREFA
LDAC
1
2
3
4
13
12
11
10
9
8
5
6
7
14-Pin PDIP, SOIC, TSSOP
VDD
NC
CS
SCK
VREFB
NC
NC
SDI
LDAC
SHDN
VOUTB
VOUTA
VREFA
AVSS
12-Bit DAC with SPI™ Interface


Similar Part No. - MCP4922-EST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4922-E/MS MICROCHIP-MCP4922-E/MS Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
MCP4922-E/P MICROCHIP-MCP4922-E/P Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
MCP4922-E/P MICROCHIP-MCP4922-E/P Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4922-E/SL MICROCHIP-MCP4922-E/SL Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
MCP4922-E/SL MICROCHIP-MCP4922-E/SL Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
More results

Similar Description - MCP4922-EST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
MCP4821 MICROCHIP-MCP4821 Datasheet
1Mb / 36P
12-Bit DACs with Internal VREF and SPI??Interface
2005
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
Dual 12-/10-/8-Bit SPI DAC
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
8-/10-/12-Bit nanoDAC, SPI Interface
2/16-Rev. G to Rev. H
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com