Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922-EST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP4922-EST
Description  12-Bit DAC with SPI??Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-EST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP4922-EST Datasheet HTML 14Page - Microchip Technology MCP4922-EST Datasheet HTML 15Page - Microchip Technology MCP4922-EST Datasheet HTML 16Page - Microchip Technology MCP4922-EST Datasheet HTML 17Page - Microchip Technology MCP4922-EST Datasheet HTML 18Page - Microchip Technology MCP4922-EST Datasheet HTML 19Page - Microchip Technology MCP4922-EST Datasheet HTML 20Page - Microchip Technology MCP4922-EST Datasheet HTML 21Page - Microchip Technology MCP4922-EST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MCP4921/4922
DS21897A-page 18
 2004 Microchip Technology Inc.
5.0
SERIAL INTERFACE
5.1
Overview
The MCP492X family is designed to interface directly
with the Serial Peripheral Interface (SPI) port, available
on many microcontrollers, and supports Mode 0,0 and
Mode 1,1. Commands and data are sent to the device
via the SDI pin, with data being clocked-in on the rising
edge of SCK. The communications are unidirectional
and, thus, data cannot be read out of the MCP492X.
The CS pin must be held low for the duration of a write
command. The write command consists of 16 bits and
is used to configure the DAC’s control and data latches.
Register 5-1 details the input registers used to config-
ure and load the DACA and DACB registers. Refer to
Figure 1-1 and Section 1.0 “Electrical Characteris-
tics” AC Electrical Characteristics table for detailed
input and output timing specifications for both Mode 0,0
and Mode 1,1 operation.
5.2
Write Command
The write command is initiated by driving the CS pin
low, followed by clocking the four configuration bits and
the 12 data bits into the SDI pin on the rising edge of
SCK. The CS pin is then raised, causing the data to
be latched into the selected DAC’s input registers. The
MCP492X utilizes a double-buffered latch structure to
allow both DACA’s and DACB’s outputs to be
syncronized with the LDAC pin, if desired. Upon the
LDAC pin achieving a low state, the values held in the
DAC’s input registers are transferred into the DACs’
output registers. The outputs will transition to the value
and held in the DACX register.
All writes to the MCP492X are 16-bit words. Any
clocks past 16 will be ignored. The most significant
four bits are configuration bits. The remaining 12 bits
are data bits.
No data can be transferred into the
device with CS high. This transfer will only occur if 16
clocks have been transferred into the device. If the ris-
ing edge of CS occurs prior, shifting of data into the
input registers will be aborted.
REGISTER 5-1:
WRITE COMMAND REGISTER
bit 15
A/B: DACA or DACB Select bit
1
=
Write to DACB
0
=
Write to DACA
bit 14
BUF: VREF Input Buffer Control bit
1
=
Buffered
0
=
Unbuffered
bit 13
GA: Output Gain Select bit
1
=1x (VOUT = VREF * D/4096)
0
=2x (VOUT = 2 * VREF * D/4096)
bit 12
SHDN: Output Power Down Control bit
1
=
Output Power Down Control bit
0
=
Output buffer disabled, Output is high impedance
bit 11-0
D11:D0: DAC Data bits
12 bit number “D” which sets the output value. Contains a value between 0 and 4095.
Upper Half:
W-x
W-x
W-x
W-0
W-x
W-x
W-x
W-x
A/B
BUF
GA
SHDN
D11
D10
D9
D8
bit 15
bit 8
Lower Half:
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
D7
D6
D5
D4
D3
D2
D1
D0
bit 7
bit 0
Legend
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com