Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD8P10TM-F085 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FQD8P10TM-F085
Description  100V P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQD8P10TM-F085 Datasheet(HTML) 4 Page - ON Semiconductor

  FQD8P10TM-F085 Datasheet HTML 1Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 2Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 3Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 4Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 5Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 6Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 7Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
-V
SD , Source-Drain Voltage [V]
0
5
10
15
20
25
0.0
0.3
0.6
0.9
1.2
1.5
Note : T
J = 25
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
2
468
10
10
-1
10
0
10
1
150℃
25℃
-55℃
Notes :
1. V
DS = -40V
2. 250μ s Pulse Test
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.5 V
-5.5 V
-5.0 V
Bottom : -4.5 V
Notes :
1. 250μ s Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
V
DS = -50V
V
DS = -20V
V
DS = -80V
Note : I
D = -8.0 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
100
200
300
400
500
600
700
800
900
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com