Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD8P10TM-F085 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FQD8P10TM-F085
Description  100V P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQD8P10TM-F085 Datasheet(HTML) 3 Page - ON Semiconductor

  FQD8P10TM-F085 Datasheet HTML 1Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 2Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 3Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 4Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 5Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 6Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 7Page - ON Semiconductor FQD8P10TM-F085 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 5.2mH, IAS = -6.6A, VDD = -25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ -8.0A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-100
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -100 V, VGS = 0 V
--
--
-1
µA
VDS = -80 V, TC = 125°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -3.3 A
--
0.41
0.53
gFS
Forward Transconductance
VDS = -40 V, ID = -3.3 A
--
4.1
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
360
470
pF
Coss
Output Capacitance
--
120
155
pF
Crss
Reverse Transfer Capacitance
--
30
40
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -50 V, ID = -8.0 A,
RG = 25 Ω
--
11
30
ns
tr
Turn-On Rise Time
--
110
230
ns
td(off)
Turn-Off Delay Time
--
20
50
ns
tf
Turn-Off Fall Time
--
35
80
ns
Qg
Total Gate Charge
VDS = -80 V, ID = -8.0 A,
VGS = -10 V
--
12
15
nC
Qgs
Gate-Source Charge
--
3.0
--
nC
Qgd
Gate-Drain Charge
--
6.4
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-6.6
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-26.4
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -6.6 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -8.0 A,
dIF / dt = 100 A/µs
--
98
--
ns
Qrr
Reverse Recovery Charge
--
0.35
--
µC
www.onsemi.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com