Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIRC06DP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIRC06DP
Description  N-Channel 30 V (D-S) MOSFET With Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRC06DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SIRC06DP Datasheet HTML 1Page - Vishay Siliconix SIRC06DP Datasheet HTML 2Page - Vishay Siliconix SIRC06DP Datasheet HTML 3Page - Vishay Siliconix SIRC06DP Datasheet HTML 4Page - Vishay Siliconix SIRC06DP Datasheet HTML 5Page - Vishay Siliconix SIRC06DP Datasheet HTML 6Page - Vishay Siliconix SIRC06DP Datasheet HTML 7Page - Vishay Siliconix SIRC06DP Datasheet HTML 8Page - Vishay Siliconix SIRC06DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SiRC06DP
www.vishay.com
Vishay Siliconix
S21-0841-Rev. B, 09-Aug-2021
4
Document Number: 62942
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Reverse Current vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
0
25
50
75
100
125
150
T
J - Temperature (°C)
20 V
10 V
30 V
0.000
0.002
0.004
0.006
0.008
0.010
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 15 A
0
40
80
120
160
200
0.001
0.01
0.1
1
10
Time (s)
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 μs
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
10 s
1 s
DC
I
D Limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com