Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIRC06DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIRC06DP
Description  N-Channel 30 V (D-S) MOSFET With Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRC06DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIRC06DP Datasheet HTML 1Page - Vishay Siliconix SIRC06DP Datasheet HTML 2Page - Vishay Siliconix SIRC06DP Datasheet HTML 3Page - Vishay Siliconix SIRC06DP Datasheet HTML 4Page - Vishay Siliconix SIRC06DP Datasheet HTML 5Page - Vishay Siliconix SIRC06DP Datasheet HTML 6Page - Vishay Siliconix SIRC06DP Datasheet HTML 7Page - Vishay Siliconix SIRC06DP Datasheet HTML 8Page - Vishay Siliconix SIRC06DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SiRC06DP
www.vishay.com
Vishay Siliconix
S21-0841-Rev. B, 09-Aug-2021
1
Document Number: 62942
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET With Schottky Diode
FEATURES
• TrenchFET® Gen IV power MOSFET
•SkyFET® with monolithic Schottky diode
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Personal computers and servers
• Synchronous buck
• Synchronous rectification
•DC/DC conversion
Notes
a. Based on TC = 25 °C
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
f. Maximum under steady state conditions is 70 °C/W
g. Package limit
PRODUCT SUMMARY
VDS (V)
30
RDS(on) max. (
Ω) at VGS = 10 V
0.0027
RDS(on) max. (
Ω) at VGS = 4.5 V
0.0040
Qg typ. (nC)
17.5
ID (A) a, g
60
Configuration
Single
PowerPAK® SO-8 Single
Top View
1
6.15
mm
5.15
mm
Bottom View
4
G
3
S
2
S
1
S
D
8
D
6
D
7
D
5
N-Channel MOSFET
G
S
D
Schottky
Diode
ORDERING INFORMATION
Package
PowerPAK SO-8
Lead (Pb)-free and halogen-free
SiRC06DP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
30
V
Gate-source voltage
VGS
+20, -16
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
60 g
A
TC = 70 °C
60 g
TA = 25 °C
32 b, c
TA = 70 °C
25.6 b, c
Pulsed drain current (t = 300 μs)
IDM
100
Continuous source-drain diode current
TC = 25 °C
IS
60 g
TA = 25 °C
7.1 b, c
Single pulse avalanche current
L = 0.3 mH
IAS
15
Single pulse avalanche energy
EAS
11.25
mJ
Maximum power dissipation
TC = 25 °C
PD
50
W
TC = 70 °C
32
TA = 25 °C
5 b, c
TA = 70 °C
3.2 b, c
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) d, e
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b,f
t
≤ 10 s
RthJA
20
25
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
1.9
2.5


Similar Part No. - SIRC06DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRC04DP VISHAY-SIRC04DP Datasheet
203Kb / 9P
N-Channel 30 V (D-S) MOSFET With Schottky Diode
09-Aug-2021
SIRC04DP-T1-GE3 VISHAY-SIRC04DP-T1-GE3 Datasheet
203Kb / 9P
N-Channel 30 V (D-S) MOSFET With Schottky Diode
09-Aug-2021
More results

Similar Description - SIRC06DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
04-Aug-08
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
29-Dec-08
logo
Vishay Telefunken
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-May-09
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
16-Feb-09
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com