Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9004DCKB Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9004DCKB
Description  GENLINX-TM GS9004D Serial Digital Cable Equalizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9004DCKB Datasheet(HTML) 2 Page - Gennum Corporation

  GS9004DCKB Datasheet HTML 1Page - Gennum Corporation GS9004DCKB Datasheet HTML 2Page - Gennum Corporation GS9004DCKB Datasheet HTML 3Page - Gennum Corporation GS9004DCKB Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
NOT
RECOMMENDED
FOR
NEW
DESIGNS
32486 -0
1V
CC
(GND)
S
Most positive supply voltage (ECL outputs)
2V
CC
(GND)
S
Most positive supply voltage (DC Restore/Eye Monitor)
3
OEM
O
Output 'Eye' Monitor
4V
CC
(GND)
S
Most positive supply voltage (Equalizer)
5
NC
No Connection
6
SSI
O
Signal Strength Indicator
7
AGC
I
AGC capacitor connection
8
IN+
I
Non-inverting signal
9
IN-
I
Inverting signal
10
GND(V
EE
)
S
Most negative supply voltage
11
GND(V
EE
)
S
Most negative supply voltage
12
GND1(V
EE1
)
S
Most negative supply voltage
for EYE MONITOR
13
DATA
O
DATA (true)
14
DATA
O
DATA (inverse)
PARAMETER
VALUE
Supply Voltage (V
S
)
5.5 V
Input Voltage Range (any input)
V
CC
+0.5 to V
EE
-0.5 V
DC Input Current (any one input)
10 mA
Power Dissipation
500 mW
Operating Temperature Range
0
°C
≤ T
A ≤ 70°C
Storage Temperature Range
-65
°C
≤ T
S ≤ 150°C
Lead Temperature (soldering, 10 sec)
260
°C
ABSOLUTE MAXIMUM RATINGS
PIN DESCRIPTIONS
PIN NO.
SYMBOL
I/O
DESCRIPTION
Supply Voltage
VS
Operating Range
4.75
5.0
5.25
V
Power Consumption
PD
-
285
360
mW
With MONITOR active
-
330
415
mW
Supply Current
IS
-52
72
mA
With MONITOR active
-
60
83
mA
Serial Data Output - High
VOH MIN
TA = 25°C
-1.025
-
-0.88
V
with respect to VCC
- Low
VOL MAX
TA = 25°C
-1.8
-
-1.6
V
with respect to VCC
Output Signal Swing
VO
TA = 25°C
700
800
900
mV
Input Resistance(IN+, IN-)
RIN
4k
5k
-
Ω
see fig. 5
Input Capacitance(IN+, IN-)
CIN
TA = 25°C
-
1.3
-
pF
see fig. 5
Output 'Eye' Monitor
VOEM
RL = 50Ω, To VCC
-
40
-
mV p-p
Signal Strength Output
VSS
4.4
-
5
V
GS9004C GAIN
AV
TA = 25°C
30
33
-
dB
ƒ=135 MHz
JITTER (Added)
tJ
TA = 25°C, 300m of 8281
-
600
-
ps p-p
Test setup 1
270Mb/s
cable.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
GS9004D AC ELECTRICAL CHARACTERISTICS Conditions: V
S = 5 V, TA = 0
o to 70oC, R
L = 100 Ω, to (VCC -2) volts, unless otherwise shown
(I = INPUT, O = OUTPUT, S = SUPPLY function)
DATA
DATA
GND 1 (V
EE1)
GND (V
EE)
GND (V
EE)
IN –
IN+
14
9
8
10
12
13
11
1
4
3
6
5
7
2
V
CC (GND)
V
CC (GND)
OEM
V
CC (GND)
NC
SSI
AGC
GS9004D
PIN CONNECTIONS
GS9004D DC ELECTRICAL CHARACTERISTICS Conditions: V
S = 5 V, TA = 0
o to 70oC, R
L = 100 Ω, to (VCC -2) volts, unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com