Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9004DCKB Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9004DCKB
Description  GENLINX-TM GS9004D Serial Digital Cable Equalizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9004DCKB Datasheet(HTML) 4 Page - Gennum Corporation

  GS9004DCKB Datasheet HTML 1Page - Gennum Corporation GS9004DCKB Datasheet HTML 2Page - Gennum Corporation GS9004DCKB Datasheet HTML 3Page - Gennum Corporation GS9004DCKB Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
NOT
RECOMMENDED
FOR
NEW
DESIGNS
32486 -0
0
5
0
5
0
80
75
70
65
60
0
10
20
30
40
50
60
70
Fig. 3 Supply Current vs Temperature
TEMPERATURE
TYPICAL PERFORMANCE CURVES (unless otherwise shown VS = 5V, TA = 25°C)
V
S = 5.25 V
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
Fig. 4 Data and Data Output Voltage vs Temperature
900
850
800
750
700
650
600
V
S = 4.75 V
V
S = 5.0 V
V
S = 4.75 V
V
S = 5.0 V
V
S = 5.25 V
All resistors in ohms, all capacitors
in microfarads unless otherwise stated.
Fig. 5 Typical Application Circuit
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright July 2004 Gennum Corporation.
All rights reserved.
Printed in Canada.
DOCUMENT IDENTIFICATION: DATA SHEET
The product is in production. Gennum reserves the right to
make changes at any time to improve reliability, function or
design, in order to provide the best product possible.
REVISION NOTES:
New document.
For latest product information, visit www.gennum.com
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
Shinjuku Green Tower Building 27F 6-14-1, Nishi Shinjuku Shinjuku-ku,
Tokyo 160-0023 Japan
Tel: +81 (03) 3349-5501
Fax: +81 (03) 3349-5505
GENNUM UK LIMITED
25 Long Garden Walk Farnham, Surrey, England GU9 7HX
Tel: +44 (0) 1252 747000 Fax: +44 (0) 1252 726523
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
L1
18n
R9
75
4
3
2
1
5
6
7
8
R13
150
C13
1.0
R8
68
C18
1.8p
C16
1.8p
R15
1.0
R7
100
R10
100
R11
680
R12
680
C14
100n
R14
68
R6
150
C11
1.8p
C10
1.0
R5
68
R3
150
VCC
VCC
VCC
VCC
VCC
VCC
VCC
C6
1.0
R2
68
C8
1.8p
R15
150
J3
SDO4
J4
SDO4
J5
SDO4
J6
SDO4
GS9007
C3
100n
R1
50
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J1
SDI
J2
OEM
C15
47p
C12
47p
GS9004D
JP1 OEM
113
TP1
SSI
C4 100n
C2
100n
10µ
+
C7
100n
C5
10µ
+
100n
VCC
VCC
OEM
VCC
N/C
SSI
AGC
DATA
DATA
GND1
GND
GND
IN -
IN+
GND
+5V
SO2
SO2
SO1
SO1
GND
SI
SI
VCC
75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com