Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1019549
Description  Distribution block - PTVFIX 6/12X2,5-NS35A RD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1019549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1019549 Datasheet HTML 1Page - PHOENIX CONTACT 1019549 Datasheet HTML 2Page - PHOENIX CONTACT 1019549 Datasheet HTML 3Page - PHOENIX CONTACT 1019549 Datasheet HTML 4Page - PHOENIX CONTACT 1019549 Datasheet HTML 5Page - PHOENIX CONTACT 1019549 Datasheet HTML 6Page - PHOENIX CONTACT 1019549 Datasheet HTML 7Page - PHOENIX CONTACT 1019549 Datasheet HTML 8Page - PHOENIX CONTACT 1019549 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Distribution block, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in
connection, Load contact, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, Line
contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS
35/7,5, NS 35/15, color: red
Your advantages
Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
•
Clear wiring, thanks to eleven different color variants
•
Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
•
Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
•
Space savings of up to 50% on the DIN rail, thanks to transverse mounting
•
Commercial Data
Item number
1019549
Packing unit
1 pc
Minimum order quantity
10 pc
Sales Key
B02
Product Key
BEA223
GTIN
4055626506692
Weight per Piece (including packing)
32.25 g
Weight per Piece (excluding packing)
26.037 g
Customs tariff number
85369010
Country of origin
PL
Distribution block - PTVFIX 6/12X2,5-NS35A RD
1019549
https://www.phoenixcontact.com/us/products/1019549
Jul 29, 2022, 5:50 AM
Page 1 (27)


Similar Part No. - 1019549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019540 PHOENIX-1019540 Datasheet
672Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A GN
Jul 29, 2022
1019541 PHOENIX-1019541 Datasheet
673Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A BK
Jul 29, 2022
1019542 PHOENIX-1019542 Datasheet
702Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A GY
Jul 29, 2022
1019543 PHOENIX-1019543 Datasheet
704Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A BU
Jul 29, 2022
1019544 PHOENIX-1019544 Datasheet
704Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A RD
Jul 29, 2022
More results

Similar Description - 1019549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019574 PHOENIX-1019574 Datasheet
471Kb / 18P
Distribution block - PTVFIX 12X2,5 RD
Jul 29, 2022
1019534 PHOENIX-1019534 Datasheet
544Kb / 18P
Distribution block - PTVFIX 12X2,5-NS35A RD
Jul 29, 2022
1019544 PHOENIX-1019544 Datasheet
704Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A RD
Jul 29, 2022
1019547 PHOENIX-1019547 Datasheet
680Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A GY
Jul 29, 2022
1019548 PHOENIX-1019548 Datasheet
683Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A BU
Jul 29, 2022
1019552 PHOENIX-1019552 Datasheet
681Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A GN
Jul 29, 2022
1019554 PHOENIX-1019554 Datasheet
682Kb / 27P
Distribution block - PTVFIX 6/12X2,5-NS35A BK
Jul 29, 2022
1019560 PHOENIX-1019560 Datasheet
685Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A RD
Jul 29, 2022
1019610 PHOENIX-1019610 Datasheet
474Kb / 19P
Distribution block - PTVFIX 6/12X2,5 RD
Jul 29, 2022
1186879 PHOENIX-1186879 Datasheet
371Kb / 14P
Distribution block - PTVFIX 6/12X2,5-G RD
Jul 21, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com