Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019549 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1019549
Description  Distribution block - PTVFIX 6/12X2,5-NS35A RD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1019549 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1019549 Datasheet HTML 1Page - PHOENIX CONTACT 1019549 Datasheet HTML 2Page - PHOENIX CONTACT 1019549 Datasheet HTML 3Page - PHOENIX CONTACT 1019549 Datasheet HTML 4Page - PHOENIX CONTACT 1019549 Datasheet HTML 5Page - PHOENIX CONTACT 1019549 Datasheet HTML 6Page - PHOENIX CONTACT 1019549 Datasheet HTML 7Page - PHOENIX CONTACT 1019549 Datasheet HTML 8Page - PHOENIX CONTACT 1019549 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Technical Data
Notes
General
The maximum load current of a single clamping unit must not be
exceeded.
Note
For power distribution applications, IEC 60364-4-43.2008;
modified + corrigendum Okt. 2008 (DIN VDE 0100-430:2010-10)
section 433.2 ff must be observed!
Product properties
Product type
Distributor terminal block
Number of positions
1
Number of connections
13
Number of rows
1
Potentials
1
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
8 kV
Maximum power dissipation for nominal condition
0.77 W
Connection data
Service Entrance
yes
Number of connections per level
13
Nominal cross section
2.5 mm²
Load contact
Stripping length
8 mm ... 10 mm
A3
Internal cylindrical gage
B3
Conductor cross section solid
0.14 mm² ... 4 mm²
Cross section AWG
26 ... 12
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section, flexible [AWG]
26 ... 14
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.14 mm² ... 2.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.14 mm² ... 2.5 mm²
Conductor cross-section flexible (2 conductors with the same
cross-section, with TWIN ferrule and plastic sleeve)
0.5 mm²
Nominal current
24 A
Maximum load current
32 A (with 4 mm² conductor cross section)
Distribution block - PTVFIX 6/12X2,5-NS35A RD
1019549
https://www.phoenixcontact.com/us/products/1019549
Jul 29, 2022, 5:50 AM
Page 2 (27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com