Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL78L08XM3 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # PL78L08XM3
Description  Low Current Positive Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PL78L08XM3 Datasheet(HTML) 1 Page - Cypress Semiconductor

  PL78L08XM3 Datasheet HTML 1Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 2Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 3Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C517M3
Issued Date : 2003.04.02
Revised Date :
. .
Page No. : 1/4
PL78L08M3
CYStek Product Specification
Low Current Positive Voltage Regulator
PL78L08XM3
Description
The PL78L08XM3 series of surface mount regulators are easy-to-use devices suitable for
multitude of applications that require a regulated supply of up to 100mA. These regulators feature
internal current limiting and thermal shutdown, making them remarkably rugged. No external
components are required with the PL78L08XM3 devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode resistor
combination, as output impedance and quiescent current are substantially reduced.
Features:
• Wide Range Of Available, Fixed Output Voltages
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
Absolute Maximum Ratings (Ta=25°C)
• Input Voltage ....................................................................................................................... 30 V
• Total Power Dissipation .................................................................................... Internally limited
• Operating Temperature Range .......................................................................... 0 °C to +125 °C
• Maximum Junction Temperature ..................................................................................... 125 °C
• Storage Temperature Range .......................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S) ................................................................................. 260 °C
Typical Application
Schematic Diagram
PL78L08
Vout
Vin
1
3
2
C1
C2
A common ground is required between the
input and the output voltages. The input
voltage must remain typically 2.0V above
the output voltage even during the low point
on the input ripple voltage.
Note : C1 and C2 are required if regulator is located
far from power supply filter and load, or oscillation
may induced on the loop.
576
3.41K
3.89K
7.8K
2.84K
13K
5pF
2.23K
GND
1.5K
1.9K
100
100
5K
5.7K
Vout
Vin
SOT-89


Similar Part No. - PL78L08XM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
More results

Similar Description - PL78L08XM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
Low Current Positive Voltage Regulator
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
Low Current Positive Voltage Regulator
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com