Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL78L08XM3 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # PL78L08XM3
Description  Low Current Positive Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PL78L08XM3 Datasheet(HTML) 3 Page - Cypress Semiconductor

  PL78L08XM3 Datasheet HTML 1Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 2Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 3Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C517M3
Issued Date : 2003.04.02
Revised Date :
. .
Page No. : 3/4
PL78L08M3
CYStek Product Specification
Characteristic Curves
Dropout Characteristics
1
2
3
4
5
6
01
2
3
45
6
7
89 10
Input Voltage(V)
Io=100mA
Io=1mA
Io=40mA
Maximum Average Power Dissipation
100
1000
10000
25
50
75
100
125
150
Ambient Temperature (°C)
Quiescent Current
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
Input Voltage(V)
Quiescent Current
2.6
2.8
3
3.2
3.4
050
100
150
Ambient Temperature(°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com