Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL317F3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # PL317F3
Description  Three Terminal Adjustable Output Positive Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL317F3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  PL317F3 Datasheet HTML 1Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 2Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 3Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 4Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 5Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 6Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 7Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 8Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C513F3
Issued Date : 2003.05.24
Revised Date :
. .
Page No. : 5/9
PL317F3
CYStek Product Specification
+
Cin
0.1μF
Adjust
Vin
Vout
PL317
R2
1%
R1
1%
Co
1μF
RL
Vo
+
D1 *
CAdj
10μF
1N4002
Vout=10V
* D1 Discharges CAdj if output is shorted to ground
24V
14V
f=120Hz
Application Information
Basic Circuit Operation
The PL317 is a 3-terminal floating regulator. In operation, the PL317 develops and maintains a nominal
1.25V reference (Vref) between its output and adjustment terminals. This reference voltage is converted
to a programming current (Iprog) by R1(see Fig 5), and this constant current flows through R2 to ground.
The regulated output voltage is given by:
Vout=Vref
(1+R2/R1)+IAdjR2
Since the current from the adjustment terminal (IAdj) represents an error term in the equation, the PL317
was designed to control IAdj to less than 100 µA and keep it constant. To do this, all quiescent operating
current is returned to the output terminal. This imposes the requirement for a minimum load current. If
the load current is less than this minimum, the output voltage will rise.
Since the PL317 is a floating regulator, it is only the voltage differential across the circuit which is
important to performance, and operation at high voltages with respect to ground is possible.
R1
R2
Vout
Adjust
Vin
Vout
IAdj
PL317
Iprog
Vref
Vref=1.25V typical
Fig 4. Ripple Rejection Test Circuit
Fig 5. Basic Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com