Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL317F3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # PL317F3
Description  Three Terminal Adjustable Output Positive Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL317F3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  PL317F3 Datasheet HTML 1Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 2Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 3Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 4Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 5Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 6Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 7Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 8Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C513F3
Issued Date : 2003.05.24
Revised Date :
. .
Page No. : 6/9
PL317F3
CYStek Product Specification
Load Regulation
The PL317 is capable of providing extremely good load regulation, but a few precautions are needed to
obtain maximum performance. For best performance, the programming resistor (R1) should be connected
as close to the regulator as possible to minimize line drops which effectively appear in series with the
reference, thereby degrading regulation. The ground end of R2 can be returned near the load ground to
provide remote ground sensing and improve load regulation.
External Capacitors
A 0.1µF disc or 1.0µF tantalum input bypass capacitor (Cin) is recommended to reduce the sensitivity to
input line impedance.
The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor (CAdj)
prevents ripple from being amplified as the output voltage is increased. A 10µF capacitor should improve
ripple rejection about 15 dB at 120 Hz in a 10V application.
Although the PL317 is stable with no output capacitance, like any feedback circuit, certain values of
external capacitance can cause excessive ringing. An output capacitance (Co) in the form of a 1.0µF
tantalum or 25µF aluminum electrolytic capacitor on the output swamps this effect and insures stability.
Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection
diodes to prevent the capacitors from discharging through low current points into the regulator.
Fig 6 shows the PL317 with the recommended protection diodes for output voltages in excess of 25V or
high capacitance values (Co>25µF,CAdj>10µF). Diode D1 prevents Co from discharging thru the IC
during an input short circuit. Diode D2 protects against capacitor CAdj discharging through the IC during
an output short circuit. The combination of diodes D1 and D2 prevents CAdj from discharging through the
IC during an input short circuit.
R1
R2
Vout
Adjust
Vin
PL317
+
Co
CAdj
D2
D1
1N4002
Cin
1N4002
Fig 6. Voltage Regulator with Protection Diodes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com