Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR02 Datasheet(PDF) 19 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 19 Page - Vishay Siliconix

Back Button PR02 Datasheet HTML 12Page - Vishay Siliconix PR02 Datasheet HTML 13Page - Vishay Siliconix PR02 Datasheet HTML 14Page - Vishay Siliconix PR02 Datasheet HTML 15Page - Vishay Siliconix PR02 Datasheet HTML 16Page - Vishay Siliconix PR02 Datasheet HTML 17Page - Vishay Siliconix PR02 Datasheet HTML 18Page - Vishay Siliconix PR02 Datasheet HTML 19Page - Vishay Siliconix PR02 Datasheet HTML 20Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
19
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
12NC INFORMATION FOR HISTORICAL CODING REFERENCE
The resistors have a 12-digit numeric code starting with 23
For 5 % tolerance:
• The next 7 digits indicate the resistor type and packing
• The remaining 3 digits indicate the resistance value:
- The first 2 digits indicate the resistance value
- The last digit indicates the resistance decade
For 1 % tolerance:
• The next 6 digits indicate the resistor type and packing
• The remaining 4 digits indicate the resistance value:
- The first 3 digits indicate the resistance value
- The last digit indicates the resistance decade
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC for resistor type PR02 with Cu leads and a value
of 750
 with 5 % tolerance, supplied on a bandolier of
1000 units in ammopack, is: 2306 198 53751.
Notes
• Preferred types in bold
(1) Other packaging versions are available on request
Notes
• Preferred types in bold
(2) PR01 pitch 12.5 mm
(3) PR02 pitch 15.0 mm
(4) PR03 pitch 20.0 mm, with reversed kinking direction as opposed to the drawing for the type with double kink figure
RESISTANCE DECADE
LAST DIGIT
0.22 
 to 0.91 
7
1
 to 9.76 
8
10 
 to 97.6 
9
100 
 to 976 
1
1 
 to 9.76 k
2
10
 to 97.6 k
3
100
 to 976 k
4
1 M
5
12NC - Resistor Type and Packaging (1)
TYPE
LEAD Ø
mm
TOL.
(%)
23.. ... ..... (BANDOLIER)
AMMOPACK
REEL
RADIAL TAPED
STRAIGHT LEADS
RADIAL TAPED
52 mm
52 mm
63 mm
52 mm
4000 UNITS
3000 UNITS
5000 UNITS
1000 UNITS
500 UNITS
5000 UNITS
2000 UNITS
PR01
Cu 0.58
1-
-
22 196 1....
06 191 2....
-
06 191 5....
-
5
06 197 03...
-
22 193 14...
06 197 53...
-
06 197 23...
-
PR02
Cu 0.78
1
-
22 197 2....
-
22 197 1....
--
2322 197 5....
5
-
06 198 03...
-
06 198 53...
--
2322 198 04...
FeCu 0.58
5
-
-
-
22 194 54...
-
-
-
PR03
Cu 0.78
5
-
---
22 195 14...
--
1
-
---
06 199 6...
--
FeCu 0.58
5
-
-
-
-
22 195 54...
--
12NC - Resistor Type and Packaging
TYPE
LEAD Ø
mm
TOL.
(%)
23.. ... ..... (LOOSE IN BOX)
DOUBLE KINK
PITCH = 17.8 mm
PITCH = 25.4 mm
PITCH (2)(3)(4)
1000 UNITS
500 UNITS
1000 UNITS
500 UNITS
PR01
Cu 0.58
5
22 193 03...
-
-
-
FeCu 0.58
5
22 193 43...
-
22 193 53... (2)
-
PR02
Cu 0.78
5
22 194 23...
-
-
-
FeCu 0.58
5
22 194 83...
-
-
-
FeCu 0.78
5
-
-
22 194 63... (3)
-
PR03
Cu 0.78
5
-
22 195 23...
-
-
FeCu 0.58
5
-
22 195 83...
-
-
FeCu 0.78
5
-
-
-
22 195 63... (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com