Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 2 Page - Vishay Siliconix

  PR02 Datasheet HTML 1Page - Vishay Siliconix PR02 Datasheet HTML 2Page - Vishay Siliconix PR02 Datasheet HTML 3Page - Vishay Siliconix PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
2
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow
support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is
not exceeded. Furthermore, a high level of ambient temperature or of power dissipation may raise the temperature of the solder
joint, hence special solder alloys or board materials may be required to maintain the reliability of the assembly.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime. The designer may estimate the performance of the particular resistor application or set certain load and
temperature limits in order to maintain a desired stability.
TERMINATION WIRE TYPES
PRODUCT TYPE
PACKAGING CODE
STYLE
MATERIAL
WIRE DIAMETER
PITCH
PR01
A1, A5, R5
Axial
Cu
0.58 mm
n/a
N4
Radial
Cu
0.58 mm
4.8 mm
L1
Radial
Cu
0.58 mm
17.8 mm
L1
Radial
FeCu
0.58 mm
17.8 mm
K1
Radial
FeCu
0.58 mm
12.5 mm
PR02
A1, R5
Axial
Cu
0.78 mm
n/a
A1
Axial
FeCu
0.58 mm
n/a
N3, R2
Radial
Cu
0.78 mm
4.8 mm
L1
Radial
Cu
0.78 mm
17.8 mm
L1
Radial
FeCu
0.58 mm
17.8 mm
B1
Radial
FeCu
0.78 mm
15 mm
PR03
AC
Axial
Cu
0.78 mm
n/a
AC
Axial
FeCu
0.58 mm
n/a
DC
Radial
Cu
0.78 mm
25.4 mm
DC
Radial
FeCu
0.58 mm
25.4 mm
PC
Radial
FeCu
0.78 mm
20 mm
OPERATION MODE
POWER
P70
Rated dissipation
PR01
1 W
PR02
2 W
PR03
3 W
Applied maximum film temperature,
F max.
250 °C
Max. resistance change at rated
dissipation for resistance range:
PR01
0.22
 to 1 M
PR02
0.33
 to 1 M
PR03
0.68
 to 1 M
|
R/R|
max. (at P70) after:
1000 h
5.0 % R + 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com