Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL
Description  Power Metal Strip® Resistors, Wide Terminal, Low Inductance (< 1 nH), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL Datasheet HTML 1Page - Vishay Siliconix WSL Datasheet HTML 2Page - Vishay Siliconix WSL Datasheet HTML 3Page - Vishay Siliconix WSL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSL, Wide Terminal
www.vishay.com
Vishay Dale
Revision: 04-Apr-2022
1
Document Number: 30183
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, Wide Terminal,
Low Inductance (< 1 nH), Surface-Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Wide side terminal construction that yields high
power to foot print size ratio (2 W in 1020 and
1 W in 0612 package)
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing, voltage division and pulse applications
• Proprietary processing technique produces low
resistance values (down to 0.00075
Ω)
• Sulfur
resistance
by
construction
that
is
unaffected by high sulfur environments
• Very low inductance < 1 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details
• Follow link to Overview of Automotive Grade Products for more details: www.vishay.com/doc?49924
• “SMD Current Sense: AEC-Q200 vs. Vishay Qualification” technical note: www.vishay.com/doc?30416
(1) Flame retardance test may not be applicable to some resistor technologies
Note
• “Thermal Management for Surface-Mount Devices” white paper: www.vishay.com/doc?30380
Notes
• Per PCN-DR-00009-2022-REV-0, WSL marking will be removed effective March 1st, 2023
(1) WSL marking (www.vishay.com/doc?30327); WSL decade values (www.vishay.com/doc?30117)
(2) EB (lead (Pb)-free) is a non-standard packaging code designated for 1000 piece reels. The non-standard packaging code is identical to our
standard EA (lead (Pb)-free), except that it has a package quantity of 1000 pieces
(3) Follow link for customization capabilities: www.vishay.com/doc?48163
333
DDD3 D
3D Models
Design Tools
Videos
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
± %
RESISTANCE
VALUE RANGE
Ω
WEIGHT
(typical)
g/1000 pieces
WSL0612
0612
1.0
1.0, 5.0
0.75m to 5m
8.5
WSL1020
1020
2.0
0.5, 1.0, 5.0
1m to 6m
38.74
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: WSL10206L000FEA (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(7 digits)
RESISTANCE VALUE (1)
(5 digits)
TOLERANCE CODE
(1 digit)
PACKAGING CODE (2)
(2 digits)
SPECIAL (3)
(up to 2 digits)
WSL0612
WSL1020
L = m
Ω*
1L000 = 0.001
Ω
2L000 = 0.002
Ω
3L000 = 0.003
Ω
4L000 = 0.004
Ω
5L000 = 0.005
Ω
6L000 = 0.006
Ω
* Use “L” for resistance
values < 0.01
Ω
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
EA = lead (Pb)-free, tape / reel
(dash number)
From 1 to 99 as
applicable
W
S
L
1
0
2
0
6
L
0
0
0
F
E
A


Similar Part No. - WSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL0603 VISHAY-WSL0603 Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL0603 VISHAY-WSL0603 Datasheet
120Kb / 3P
Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL0603 VISHAY-WSL0603 Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL0603 VISHAY-WSL0603 Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
06-Jun-12
More results

Similar Description - WSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK0612 VISHAY-WSK0612 Datasheet
102Kb / 3P
Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
09-Nov-11
WSL2726 VISHAY-WSL2726_11 Datasheet
104Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSL4026 VISHAY-WSL4026_11 Datasheet
107Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
28-Oct-13
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSL4026 VISHAY-WSL4026_15 Datasheet
100Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSK1216 VISHAY-WSK1216 Datasheet
122Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
13-Mar-17
WSKW0612 VISHAY-WSKW0612_V01 Datasheet
144Kb / 5P
Power Metal Strip® Resistors, High Power, Surface-Mount, 4-Terminal
05-Apr-2022
WSL2726 VISHAY-WSL2726_V01 Datasheet
158Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
27-Jan-2022
WSL4026 VISHAY-WSL4026_V01 Datasheet
152Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
12-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com