Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL
Description  Power Metal Strip® Resistors, Wide Terminal, Low Inductance (< 1 nH), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL Datasheet HTML 1Page - Vishay Siliconix WSL Datasheet HTML 2Page - Vishay Siliconix WSL Datasheet HTML 3Page - Vishay Siliconix WSL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WSL, Wide Terminal
www.vishay.com
Vishay Dale
Revision: 04-Apr-2022
3
Document Number: 30183
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
PULSE CAPABILITY
www.vishay.com/resistors/power-metal-strip-calculator
Notes
• Embossed carrier tape per EIA-481-2
(1) Additional packaging details at www.vishay.com/doc?20051
-65 -55
-25
0
25
50
75
100
125
150
170
120
100
80
60
40
20
0
70 Ambient Temperature in °C
0
20
40
60
80
100
120
0
20406080
100
120
140
160
180
Terminal Temperture T
K in °C
Stability < 1 %
Stability < 0.5 %
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 0.5 %
Low temperature operation
-65 °C for 24 h
± 0.5 %
High temperature exposure
1000 h at +170 °C
± 1.0 %
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.5 %
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.5 %
Load life
1000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± 0.5 %
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 0.5 %
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL0612
8 mm / embossed plastic
178 mm / 7"
4000
EA
WSL1020
12 mm / embossed plastic
178 mm / 7"
4000
EA
IILLLL
US
TR
AT
AA
IVE
PU
RRPP
OS
EESS
O
ON
LYY
LLLL
click to get started



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com