Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ASTRA1B Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEVAL-ASTRA1B
Description  Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ASTRA1B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEVAL-ASTRA1B Datasheet HTML 6Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 7Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 8Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 9Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 10Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 11Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 12Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 13Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Figure 8. Main board (STEVAL-ASTRA1) circuit schematic (8 of 9)
SENS_I2C_SCL
SENS_I2C_SDA
SENS_INT1
VDD_SENSORS
GND
SENS_INT2
SENS_SPI_CS
SENS_SPI_CLK
SENS_SPI_MOSI
SENS_SPI_MISO
VDD_SENSORS_PRIMARY
SB207
0R
C203
100nF
C200
100nF
R200
10k
U204
HTS221TR
SPI_Enable
6
GND
5
SDA/SDO
4
DRDY
3
SCL/SPC
2
VDD
1
SB202
0R
SB210
0R
SB208
0R
TP204
SB203
0R
SB200 0R
C206
100nF
SB206
0R
U201
STTS22HTR
SCL
1
VDD
3
ALERT/INT
2
Addr
4
GND
5
SDA
6
C205
100nF
SB212
0R
C202
100nF
TP206
TP200
TP205
SB205 0R
C204
100nF
SB211
0R
N.M.
U203
LPS22HH
SDO/SA0
5
VDD_IO
1
SCL/SPC
2
CS
6
INT_DRDY
7
GND1
8
GND2
9
VDD
10
RES
3
SDA/SDI/SDO
4
TP208
U202
LSM6DSO32X
NC
10
SDO/SA0
1
INT1
4
SCx
3
SDx
2
INT2
9
VDD
8
NC1
11
SB201 0R N.M.
SB209 0R
SB213
0R
SB214
0R N.M.
C201
100nF
R201
1M
TP201
SB204 0R
U200
LIS2DTW12TR
SCL/SPC
1
CS
2
SDO/SA0
3
SDA/SDI/SDO
4
RES
7
GND1
8
VDD
9
VDDIO
10
TP202
VDD_SENSORS
GND
SENS_I2C_SCL
SENS_I2C_SDA
SENS_INT1
SENS_INT2
LIS2DTW12_INT2
VDD_SENSORS_PRIMARY
LIS2DTW12_VDD
LIS2DTW12_VDD
INTERNAL_VDD
SDA
SCL
SCL
SDA
SDA
LIS2DTW12_INT1
SENS_INT1
LIS2DTW12_VDD
SCL
SDA
LSM6DSOX_INT
INTERNAL_VDD
INTERNAL_VDD
INTERNAL_VDD
SCL
SDA
HTS221_DRDY
INTERNAL_VDD
SCL
LPS22HB_DRDY
SENS_INT2
STTS22H_INT
SENS_INT2
INTERNAL_VDD
LSM6DSO32X / STTS22HTR
I2C address
0x70
I2C address
0xD6
I2C address
0xBE
I2C address
0xBA
wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com