Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ASTRA1B Datasheet(PDF) 15 Page - STMicroelectronics

Part # STEVAL-ASTRA1B
Description  Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ASTRA1B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STEVAL-ASTRA1B Datasheet HTML 11Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 12Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 13Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 14Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 15Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 16Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 17Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 18Page - STMicroelectronics STEVAL-ASTRA1B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Figure 14. System on board (STEVAL-ASTRA1SB) circuit schematic (5 of 10)
V_UNREG_HMI
V_REG_HMI
GND
LED_R
LED_G
LED_B
R914 0R
R927
82R
J937
SOLDER JUMPER3
R918
120k
R915 0R
Q1
VT6X1T2R
5
2
R919
51k
R916 0R
R922
33R
D902
Led_RGB
2
K1
1
A
4
K3
3
K2
Q2
2SCR522MT2L
1
R920
20R
R917
30k
V_UNREG_HMI
V_REG_HMI
LED_R
LED_G
LED_B
V_UNREG_HMI
V_REG_HMI
GND
LED_R
LED_G
LED_B
Figure 15. System on board (STEVAL-ASTRA1SB) circuit schematic (6 of 10)
PI f i l t er
V_UNREG
V_REG_OUT_2
V_REG_OUT
WB_VDD
WB_VDD_USB
WB_GND
WB_GND_RF
WL_GND
WL_VDD
VOUT2_CTRL
POWER_GOOD
D0_1_2
V_REG_EN
L900
2.2uH 1.2A
1
2
SB918 0R
R901 1M
R923
1M
N.M.
R924
1M
0
0
FB1
470Ohms@100MHz
1
2
C904
10uF
C901
22uF
R930
1M
C902
10uF
0
0
0
0
FB2
470Ohms@100MHz
1
2
SB915
0R N.M.
U900
ST1PS02CQTR
AUX
1
VIN
2
SW
3
GND
4
VOUT
5
VOUT2
6
PGOOD
7
CL
8
EN
12
D0
9
D1
10
D2
11
SB913 0R
C903
10uF
SB916
0R N.M.
L901
2.2uH 1.2A
1
2
SB941
0R
R921
0R
D0_1_2
D0_1_2
V_REG_EN
V_REG_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com