Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSR3
Description  Three Phase Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSR3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSR3 Datasheet HTML 1Page - TE Connectivity Ltd SSR3 Datasheet HTML 2Page - TE Connectivity Ltd SSR3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Specifications (@ 25°C, unless otherwise specified)
Characteristics
Conditions
Units
10A Models
16A Models
25A Models
Load Voltage Range, VL
VRMS
48-480
Load Current Range, IL
A
10
16
25
On-State Voltage Drop
@ Rated Current
VRMS
1.6
Single cycle surge current
For Triac / SCR
A
100
160
250
Peak Off state Voltage
Vac
800
Off- State Leakage Current
(F-60 Hz)
mA
5
Fusing Current, I2T Rating
For Triac / SCR
A²s
55
144
340
Static dv/dt (Off-State)
For Triac / SCR
V/µs
400
500
Zero Turn-On Voltage
Vpk
25
Thermal Resistance,
(Junction to Case, RJ-C)
For Triac / SCR
°C/W
2.4
2.1
0.6 (AC i/p & Ran-
dom), 0.9 (DC i/p)
Turn-On Time
(F= 60/50 Hz)
AC i/p
ms
40
DC i/p
Zero - 10/8.3, Random - 0.1
Turn-Off Time
(F= 60/50 Hz)
AC i/p
80
DC i/p
Zero - 10/8.3, Random - 10
Characteristics
Conditions
Units
40A Models
50A Models
75A Models
Load Voltage Range, VL
VRMS
48-480
Load Current Range, IL*
A
40
50
75
On-State Voltage Drop
@ Rated Current
VRMS
1.6
Single cycle surge current
For Triac / SCR
A
400 / 580
520
750
Peak Off state Voltage
Vac
800
Off- State Leakage Current
(F-60 Hz)
mA
5
Fusing Current, I2T Rating
For Triac / SCR
A²s
880 / 1680
1350
2812
Static dv/dt (Off-State)
For Triac / SCR
V/µs
500 / 1000
1000
Zero Turn-On Voltage
Vpk
25
Thermal Resistance,
(Junction to Case, RJ-C)
For Triac / SCR
°C/W
0.6 / 0.9
0.6 / 0.5
0.6
Turn-On Time
(F= 60/50 Hz)
AC i/p
ms
40
DC i/p
Zero - 10/8.3, Random - 0.1
Turn-Off Time
(F= 60/50 Hz)
AC i/p
80
DC i/p
Zero - 10/8.3, Random -10
* See Derating curve
Electrical Characteristics (Thermal Derating Curves)
SOLID STATE RELAY
SSR3 Series (Continued)
02-2021, Rev. 0221
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com