Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SSR3
Description  Three Phase Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSR3 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SSR3 Datasheet HTML 1Page - TE Connectivity Ltd SSR3 Datasheet HTML 2Page - TE Connectivity Ltd SSR3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ordering Information
File E29244
Users should thoroughly review the technical data before selecting a
product part number. It is recommended that users also seek out the
pertinent approvals files of the agencies/laboratories and review them to
ensure the product meets the requirements for a given application.
Engineering Data
Isolation: 4000V rms minimum.
Temperature Range:
Storage: –30°C to +100°C
Operating: –30°C to +80°C.
Case Material: Plastic, UL rated 94V-0.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: 16.3-18.4 oz. (461-521g)
(Depending on the specific model)
Features
• LED indicator.
• SCR output for medium to high industrial loads.
• TRIAC output for low industrial loads.
• 10, 16, 25, 40, 50 & 75A rms.
• 48-480Vac output types.
• Zero voltage and random voltage turn-on versions.
• AC & DC input versions.
• 4000V rms optical isolation.
• Safety cover to meet IP 20 protection.
• Epoxy filled.
• Transient voltage protection by MOVs externally.
• Panel mountable.
Input Specifications
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Three Phase Solid State Relay
Typical Part Number
SSR3
S
-480
D
75
R
1. Basic Series: SSR3 = Three phase solid state relay
2. Switching: S = SCR Output
T = TRIAC Output
4. Line Voltage: 480 = 48 - 480
5. Input Type & Voltage: A = 90 - 280VAC
D = 4 - 32VDC
6. Maximum Current Rating:
10=.1-10A rms, mounted to heatsink
16=.1-16A rms, mounted to heatsink
25=.1-25A rms, mounted to heatsink
40=.1-40A rms, mounted to heatsink
50=.1-50A rms, mounted to heatsink
75=.1-75A rms, mounted to heatsink
7. Turn-On Options: Blank = Zero voltage turn-on
R = Random voltage turn-on
Characteristics
Units
AC Input
DC Input
Zero & Random V Turn-on
Zero & Random V Turn-on
Control Voltage Range
VIN
90 - 280
4 - 32
Must Operate Voltage
VIN(OP)
90
4
Must release Voltage
VIN(REL)
10
1
Input Current
mA
9-25
30-80
Max Input Current@Rated Voltage
mA
25 @ 280Vac
80 @ 32Vdc
SSR3T-480A10
SSR3T-480D25
SSR3T-480A16
SSR3T-480D40
SSR3T-480A25
SSR3T-480D10R
SSR3S-480A50
SSR3S-480D50R
Solid State Relay
SSR3 Series
02-2021, Rev. 0221
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield


Similar Part No. - SSR3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR3045CTG SSDI-SSR3045CTG Datasheet
164Kb / 2P
15 AMP per leg / 45 Volts LOW VOLTAGE DROP SCHOTTKY POWER DIODE COMMON CATHODE CENTERTAP
logo
Samsung semiconductor
SSR3055A SAMSUNG-SSR3055A Datasheet
323Kb / 6P
ADVANCED POWER MOSFET
logo
Inchange Semiconductor ...
SSR3055A ISC-SSR3055A Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
SSR3055LA ISC-SSR3055LA Datasheet
374Kb / 2P
isc N-Channel MOSFET Transistor
logo
Solid States Devices, I...
SSR30C100S1 SSDI-SSR30C100S1 Datasheet
144Kb / 2P
30 A / 1200 V Schottky Silicon Carbide Rectifier
More results

Similar Description - SSR3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
Three Phase Solid State Relay
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
Three phase power solid state relay
SGT8698503 CELDUC-SGT8698503 Datasheet
1Mb / 6P
Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
Three phase power solid state relay
SMB8670910 CELDUC-SMB8670910 Datasheet
1Mb / 7P
Three phase power solid state relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com