Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2002182000 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 4Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 5Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 6Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 7Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
Doc. No: 2002182000
Release Date: 07-31-19
UNCONTROLLED COPY
Page 7 of 8
Revision: A
Revision Date: 07-31-19
How to Adjust Tool Preload (See Figure 13)
This hand tool is factory preset to 25-45 pounds preload. It may be necessary over the life of the
tool to adjust tool handle preload force. Listed below are the steps required to adjust the crimping
force of the hand tool to obtain proper crimp conditions:
1. Hold the hand tool in the palm
of your hand as shown in
Figure 13. Using your index
finger, squeeze the link toward
the top of the hand tool frame.
This will release the preload
adjustment wheel.
2. Rotate the setting wheel
counterclockwise (CCW) to
increase handle force. The
numbers will display higher.
To decrease handle force,
rotate the setting wheel
clockwise (CW).
3. Release the link to lock the
setting wheel in place.
4. Check the crimp specifications
or conduct a pull test after tool handle preload force is adjusted.
WARRANTY
This tool is for electrical terminal crimping purposes only. This tool is made of the best quality
materials. All vital components are long-life tested. All tools are warranted to be free of manufacturing
defects for a period of 30 days. Should such a defect occur, Molex will repair or exchange the tool free
of charge. This repair or exchange will not be applicable to altered, misused or damaged tools. This
tool is designed for hand use only. Any clamping, fixturing or use of handle extensions voids this
warranty.
CAUTION: Molex crimp specifications are valid only when used with Molex terminals and tooling.
CAUTIONS:
1. Manually powered hand tools are intended for low-volume use or field repair. This tool is NOT
intended for production use. Repetitive use of this tool should be avoided.
2. Insulated rubber handles are not protection against electrical shock.
3. Wear eye protection at all times.
4. Use only the Molex terminals specified for crimping with this tool.
Certification
Molex does not certify or re-certify hand tools but rather supplies the following guidelines for
customers to re-certify hand tools:
This tool is qualified to pull force only. See the Molex website for the Quality Crimp
Handbook for more information on pull testing.
If the tool does not meet minimum pull force values, handle preload should be increased
and the pull test rerun. (See How to Adjust Preload).
When the hand tool is no longer capable of achieving minimum pull force, it should be taken
out of service and replaced.
Figure 13
SQUEEZE THE
LINK IN THE
HANDLE
HOLD THE HAND
TOOL IN
POSITION
SETTING WHEEL
RATCHET
RELEASE LEVER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com