Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A3NDDFREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA190A3NDDFREP
Description  INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA190A3NDDFREP Datasheet(HTML) 1 Page - Texas Instruments

  INA190A3NDDFREP Datasheet HTML 1Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 2Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 3Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 4Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 5Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 6Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 7Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 8Page - Texas Instruments INA190A3NDDFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision
Current Sense Amp With Enable
1 Features
• Supports Defense, Aerospace, and Medical
Applications:
– Temperature range: –55°C to +150°C, TA
– Controlled Baseline
– One Assembly/Test Site
– One Fabrication Site
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability
• Low input bias currents: 500 pA (typical)
(enables microamp current measurement)
• Low power:
– Low supply voltage, VS: 1.7 V to 5.5 V
– Low quiescent current: 50 μA at 25°C (typical)
• Accuracy:
– Common-mode rejection ratio: 132 dB
(minimum)
– Gain error: ±0.2% (A1 device)
– Gain drift: 7 ppm/°C (maximum)
– Offset voltage, VOS: ±15 μV (maximum)
– Offset drift: 80 nV/°C (maximum)
• Wide common-mode voltage: –0.2 V to +40 V
• Bidirectional current sensing capability
• Gain options:
– INA190A1-EP: 25 V/V
– INA190A2-EP: 50 V/V
– INA190A3-EP: 100 V/V
– INA190A4-EP: 200 V/V
– INA190A5-EP: 500 V/V
2 Applications
• Avionics
• Radar Systems
• Ruggedized Communications
• Smart Munitions
• Thermal Imaging
3 Description
The INA190-EP is a low-power, voltage-output,
current-shunt
monitor
(also
called
a
current-
sense
amplifier).
This
device
is
commonly
used for overcurrent protection, precision current
measurement for system optimization, or in closed-
loop feedback circuits. The INA190-EP can sense
drops across shunts at common-mode voltages from
–0.2 V to +40 V, independent of the supply voltage.
The low input bias current of the device permits the
use of larger current-sense resistors, thus providing
accurate current measurements in the microamp
range. The low offset voltage of the zero-drift
architecture extends the dynamic range of the current
measurement. This feature allows for smaller sense
resistors with lower power loss, while still providing
accurate current measurements.
The INA190-EP operates from a single 1.7-V to 5.5-
V power supply, and draws a maximum of 65 µA
of supply current when enabled; only 0.1 µA when
disabled. Five fixed gain options are available: 25 V/V,
50 V/V, 100 V/V, 200 V/V, or 500 V/V. The device
is specified over the operating temperature range of
–55°C to +150°C, and offered in the SOT-23 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA190-EP
SOT-23 (8)
1.60 mm × 2.90 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
ADC
ENABLE
VS
OUT
REF
GND
IN+
IN–
LOAD
Microcontroller
Supply Voltage
1.7 V to 5.5 V
Bus Voltage
–0.2 V to +40 V
0.5 nA
(typ)
0.5 nA
(typ)
0.1 μF
RSENSE
INA190-EP
Typical Application
INA190-EP
SBOSA74 – MAY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA190A3NDDFREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA190A3IDCKR TI1-INA190A3IDCKR Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA190A3IDCKR TI1-INA190A3IDCKR Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
INA190A3IDCKR TI2-INA190A3IDCKR Datasheet
1Mb / 48P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
REVISED NOVEMBER 2019
INA190A3IDCKR.A TI2-INA190A3IDCKR.A Datasheet
1Mb / 48P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
REVISED NOVEMBER 2019
INA190A3IDCKT TI1-INA190A3IDCKT Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
More results

Similar Description - INA190A3NDDFREP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA191 TI1-INA191_19 Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA190 TI1-INA190_V01 Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com