Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A5NDDFREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA190A5NDDFREP
Description  INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA190A5NDDFREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA190A5NDDFREP Datasheet HTML 3Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 4Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 5Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 6Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 7Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 8Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 9Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 10Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = 1.8 V, VIN+ = 12 V, VREF = VS / 2, VENABLE = VS, and for all gain options (unless otherwise noted)
Input Offset Voltage (PV)
D001
Figure 6-1. Input Offset Voltage Production Distribution
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
-15
-10
-5
0
5
10
15
.
Figure 6-2. Offset Voltage vs. Temperature
Common-Mode Rejection Ratio (PV/V)
D007
Figure 6-3. Common-Mode Rejection Production Distribution
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
.
Figure 6-4. Common-Mode Rejection Ratio vs. Temperature
Gain Error (%)
D013
A1 devices
Figure 6-5. Gain Error Production Distribution
Gain Error (%)
D014
A2, A3, and A4 devices
Figure 6-6. Gain Error Production Distribution
www.ti.com
INA190-EP
SBOSA74 – MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA190-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com