Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A5NDDFREP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA190A5NDDFREP
Description  INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA190A5NDDFREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA190A5NDDFREP Datasheet HTML 14Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 15Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 16Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 17Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 18Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 19Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 20Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 21Page - Texas Instruments INA190A5NDDFREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
7.4.3 Bidirectional Mode
The INA190-EP devices are bidirectional current-sense amplifiers capable of measuring currents through a
resistive shunt in two directions. This bidirectional monitoring is common in applications that include charging
and discharging operations where the current flowing through the resistor can change directions.
VOUT
VS
1.7 V to 5.5 V
IN–
IN+
VS
OUT
+
–
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
ENABLE
INA190-EP
REF
GND
ISENSE
+
–
Reference
Voltage
CBYPASS
0.1 µF
Figure 7-4. Bidirectional Application
The user can apply a voltage to the REF pin to measure this current flowing in both directions (see Figure 7-4).
The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input level state. The output
then responds by increasing above VREF for positive differential signals (relative to the IN– pin) and responds
by decreasing below VREF for negative differential signals. This reference voltage applied to the REF pin can
be set anywhere between 0 V to VS. For bidirectional applications, VREF is typically set at VS/2 for equal signal
range in both current directions. In some cases, VREF is set at a voltage other than VS/2; for example, when the
bidirectional current and corresponding output signal do not need to be symmetrical.
7.4.4 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) times gain exceeds the voltage swing specification, the INA190-
EP drives its output as close as possible to the positive supply or ground, and does not provide accurate
measurement of the differential input voltage. If this input overload occurs during normal circuit operation, then
reduce the value of the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this
mode of operation. If a differential overload occurs in a time-limited fault event, then the output of the INA190-EP
returns to the expected value approximately 80 µs after the fault condition is removed.
INA190-EP
SBOSA74 – MAY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA190-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com