Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC3624PCK Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPC3624PCK
Description  75Ω 47−2000 MHz Digital Step Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC3624PCK Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPC3624PCK Datasheet HTML 9Page - Qorvo, Inc QPC3624PCK Datasheet HTML 10Page - Qorvo, Inc QPC3624PCK Datasheet HTML 11Page - Qorvo, Inc QPC3624PCK Datasheet HTML 12Page - Qorvo, Inc QPC3624PCK Datasheet HTML 13Page - Qorvo, Inc QPC3624PCK Datasheet HTML 14Page - Qorvo, Inc QPC3624PCK Datasheet HTML 15Page - Qorvo, Inc QPC3624PCK Datasheet HTML 16Page - Qorvo, Inc QPC3624PCK Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
QPC3624
75Ω 47−2000 MHz Digital Step Attenuator
Data Sheet Rev.5, 7 Dec, 2016 | Subject to change without notice
- 13 of 19 -
www.qorvo.com
®
Pad Configuration and Description
24
1
2
3
4
5
6
23
22
21
20
19
18
17
16
15
14
13
7
8
9
10
11
12
6-BIT DSA
LOGIC CONTROL
GND
VDD
PBAR/S
GND
RFIN
GND
SI
CLK
LE
GND
RFOUT
GND
Top View
Pad No.
Label
Description
1, 4, 6, 7, 8, 9, 10,
12, 13, 15
GND
Ground Pad
2
VDD
Positive Supply Voltage
3
PBAR/S
Mode Select Pad, Logic Low = Parallel, Logic High = Serial
5
RFIN
RF Input Pad. Incident RF power must enter this pad for rated thermal performance and reliability
Do not apply DC power to this pad. Pad may be DC grounded externally and is grounded thru resistors internal
to the part.
11
VSS
External Negative Supply Voltage. Grounding pin enables on-chip negative voltage generator. Apply negative
voltage to disable on-chip generator.
14
RFOUT
RF Output Pad; Do not apply DC power to this pad. Pad may be DC grounded externally and is grounded thru
resistors internal to the part.
16
LE
Latch Enable. The leading edge of signal on LE causes the attenuator to change states for serial and latched
parallel modes. For direct parallel mode, keep LE at a logic high level.
17
CLK
Serial Clock Input
18
SI
Serial Data Input
19
C16
16 dB Parallel Control Bit
20
C8
8 dB Parallel Control Bit
21
C4
4 dB Parallel Control Bit
22
C2
2 dB Parallel Control Bit
23
C1
1 dB Parallel Control Bit
24
C0.5
0.5 dB Parallel Control Bit
Backside Paddle
RF/DC GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal resistance. See PCB
Mounting Pattern for suggested footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com