Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC3624PCK Datasheet(PDF) 5 Page - Qorvo, Inc

Part # QPC3624PCK
Description  75Ω 47−2000 MHz Digital Step Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC3624PCK Datasheet(HTML) 5 Page - Qorvo, Inc

  QPC3624PCK Datasheet HTML 1Page - Qorvo, Inc QPC3624PCK Datasheet HTML 2Page - Qorvo, Inc QPC3624PCK Datasheet HTML 3Page - Qorvo, Inc QPC3624PCK Datasheet HTML 4Page - Qorvo, Inc QPC3624PCK Datasheet HTML 5Page - Qorvo, Inc QPC3624PCK Datasheet HTML 6Page - Qorvo, Inc QPC3624PCK Datasheet HTML 7Page - Qorvo, Inc QPC3624PCK Datasheet HTML 8Page - Qorvo, Inc QPC3624PCK Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
QPC3624
75Ω 47−2000 MHz Digital Step Attenuator
Data Sheet Rev.5, 7 Dec, 2016 | Subject to change without notice
- 5 of 19 -
www.qorvo.com
®
Ref. Designator
Description
Manufacturer
Part Number
PCB
QPC3624−4000
Viasystems
QPC3624-4000(A)
U1
Digital Step Attenuator, 47 MHz to 2000 MHz
Qorvo
QPC3624SB
C34, C42
CAP, 1 µF, 10%, 25 V, X7R, 1206
Taiyo Yuden (USA), Inc.
CE TMK316BJ105KL-T
J1-J4
CONN, F FEM, EDGE MOUNT, 75 Ω, 0.065”
Genesis Technology USA
GT20-300204
P1
CONN, HDR, ST, 9-PIN, 0.100”
Samtec Inc.
TSW-109-07-G-S
P3
CONN, HDR, ST, 3 x 5, 0.100”, T/H
Samtec Inc.
TSW-105-07-L-T
P4
CONN, HDR, ST, 2-PIN, 0.100”
Samtec Inc.
TSW-102-07-G-S
P5
CONN, HDR, 2 x 4, RA, 0.100”, T/H
Samtec Inc.
TSW-104-08-G-D-RA
P2
CONN, SKT, 24-PIN DIP, 0.600”, T/H
Aries Electronics Inc.
24-6518-10
P6
CONN. HDR, SRT, PLRZD, 3-PIN, 0.100”
ITW Pancon
MPSS100-3-C
M1 (See Note 1)
MOD, USB TO SERIAL UART, SSOP-28
Future Technology Devices Int’l
UM232R
S1, S2
JMPR, 2-PIN
3M Interconnect Solutions
929950-00
C40, C41
CAP, 1 nF, 5%, 50 V, C0G, 0402
Murata Electronics
GRM1555C1H102JA01D
L1, L2
IND, 3.9 nH, FILM, 0402, +/- 0.1 nH
Murata Electronics
LQP15MN3N9B02
C1, C2, C5-C13, S6
DNP
N/A
N/A
Notes:
1. M1 should be mounted into P2 with respect to the Pin 1 alignment of M1 and P2.
2. Jumpers S1 and S2 should be installed on P3. Jumper S6 is DNP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com