Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.advantech.com/digital-logistics/
Online Download
Dimensions
Unit: mm
PWS-870
Ordering Information
Part Number
Configuration
Fingerprint
CPU
LCD
Memory
Storage
Front/Rear
CAM
WiFi
BT
GNSS
4G
OS
Barcode
RFID
NFC
PWS-870-3S6W0E000E
Core i3
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
N/A
N/A
WES 8
N/A
N/A
N/A
PWS-870-3S6W00000E
Core i3
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
N/A
N/A
N/A
N/A
N/A
N/A
PWS-870-3S6G4E5F0E
Core i3
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-US
WES 8
2D
NFC
FingerPrint
PWS-870-3S6G6E5F0E
Core i3
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-EU
WES 8
2D
NFC
FingerPrint
PWS-870-3H6G6E5F0E
Core i3
High Brightness
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-EU
WES 8
2D
NFC
FingerPrint
PWS-870-5S6G4P5F0E
Core i5
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-US
Win8.1 Pro
2D
NFC
FingerPrint
PWS-870-5S6G6P5F0E
Core i5
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-EU
Win8.1 Pro
2D
NFC
FingerPrint
PWS-870-7S6G4P5F0E
Core i7
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-US
Win8.1 Pro
2D
NFC
FingerPrint
PWS-870-7S6G6P5F0E
Core i7
Sunlight
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-EU
Win8.1 Pro
2D
NFC
FingerPrint
PWS-870-7H6G6P5F0E
Core i7
High Brightness
DDR3 4GB
SSD 64GB
V
V
V
V
LTE-EU
Win8.1 Pro
2D
NFC
FingerPrint
Packing List
Part Number
Description
96PSA-A65W19V1-1
65W Adapter *1 pcs
9680015843
Stylus Pen * 1 pcs
I/O Connectors
1. 2M Camera
2. Home Key (Programmable)
3. Function Key (Programmable)
4. Speakers
5. Fingerprint (Optional)
6. 5M AF Camera with Flash Light
7. FAN
8. NFC RFID Reader (Optional)
9. Capacitive Pen
10. Latch (For External Battery)
1
2
3
4
5
6
7
8
9
10
11
1. Kensington Lock
2. Power Button
3. Audio Combo Jack
4. HDMI Connector (1.4)
5. USB Connector (USB3.0)
6. DC-in
7. Screw Hole for Extension Module
8. USB Connector (USB3.0)
9. USB Connector (USB2.0)
10. SD Card Slot (SDXC)
11. Screw Hole for Extension Module
6
9
10
7
8
1
3
4
5
2
4
Environment
Temperatue & Humidity
Operating Temperature -20° C ~ 50° C (Charge: 0° C ~ +40° C for the battery protection)
Storage Temperature -20 ~ 60° C
Operating Humidity 5% ~ 95% @ 40° C
IP Rating
IP65
Vibration
MIL-STD-810G
Drop
4 feet
Certifications
EMC/RF
CE/FCC/CCC/PTCRB/SAR
Safety
UL/CE/CB/CCC
Peripheral
Peripheral(*3)
ƒ Universal Cover (Handle, stand, hand strap, and shoulder belt)
ƒ Extension modules for MSR, extra IO ports solution
ƒ Desk docking station
ƒ External battery
ƒ Car adapter
ƒ Vehicle docking staion
ƒ Multiple Battery Charger
Dimension & Weight
Dimensions
305 (L) x 207 (W) x 25~27 (H) mm
Weight
1.4 kg
(3) For the peripherals' availability, please check with Advantech's sales directly.
25.00
27.43
27.43
305.00
Specifications Cont.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com