Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
PWS-870
10" Industrial Tablet with 4th Generation
Intel® Core™ i Processor
ƒ MIL-STD-810G and IP65 certified, can withstand drops of up to 4ft.
ƒ 10.1" HD high-brightness, multi-touch, Gorilla Glass panel with digitizer
ƒ 4th generation Intel® Core™ i processor supports Windows 8
ƒ Built-in 4G LTE, WLAN (802.11 a/b/g/n/ac), BT4.0, and GPS modules with
Beidou/GLONASS support
ƒ Hot-swappable battery provides up to 11 hours operation(*1)
ƒ Built-in dual cameras, 1D/2D barcode scanner, and NFC RFID
ƒ Rich peripherals with vehicle docking station, desk docking station, and
extension module support
(1) The battery life estimates based on MobileMark 2007 performance. Battery performance will vary by system setting and configuration.
(2) Only Advantech is able to change SSD and Memory.
Introduction
The PWS-870 is a fully rugged mobile tablet featuring a 10.1" HD resolution capacitive Multi Touch panel, an Intel Core i processor, mSATA SATA3 SSD storage, USB 3.0 and HDMI
communication IO ports. For communcation it comes with 802.11 a/b/g/n/ac WiFi, Bluetooth, GPS, and 4G LTE. One of the most important unique design features is it's built-in
data collection features: 2M/5M dual cameras, 1D/2D barcode reader, and NFC RFID reader. To mobile field workers, hot-swappable external battery for long-lasting support allows
the system to operate for up to 11 hours at a time. The fully-rugged design (MIL-STD-810G, IP65 dust & water resistant and 4-foot drop) allows PWS-870 to perform in harsh
environments. With sunlight readable display, PWS-870 is a perfect device for outdoor work.
Specifications
Motherboard
CPU & Chipset
Intel® Core™ i3 Processor 1.7 GHz 4010U
Intel® Core™ i5 Processor 1.9 GHz 4300U with Turbo Boost to 2.9GHz
Intel® Core™ i7 Processor 1.7 GHz 4650U with Turbo Boost to 3.3 GHz
Memory
SO-DIMM DDR3L 1600 MHz up to 8 GB(*2)
Storage
Support mSATA SATAIII SSD 64 GB ~ 256 GB(*2)
Display & Touchscreen
Display
10.1" HD (1366x768) Low reflection LED Backlight LCD (400 nits default; 950 nits by project)
Touch Panel
Capacitive multi touch
Sunlight readable feature
Display with Corning® Gorilla® Glass Gen3
Sensor
Ambient light, Accelerometer (G-Sensor), E-compass , Gyroscope Sensor
- Screen Rotation: 0°, 90°, 270°
System
WLAN+Bluetooth
IEEE 802.11 a/b/g/n/ac+ Bluebooth V4.0(class2)+EDR
WWAN
Integrated 4G (LTE,HSPA+,GSM/GPRS/EDGE)
MC7305 for EU B1/B3/B7/B8/B20
MC7355 for US B2/B4/B5/B13/B17/B25
GNSS
Dedicated GPS, Beidou and Glonass
Camera
Front Camera: 2M pixel CMOS sensor; supports video streaming
Rear Camera: 5M pixel CMOS sensor; with LED flash light and auto focus control
Data Collection
Optional built-in 1D barcode scanner (Honeywell N4313)
Optional built-in 2D barcode scanner (Honeywell N5600)
Optional built-in NFC RFID reader (13.56MHz, supports ISO14443A/B, ISO15693, MIFARE, Felica)
Security
1. Optional fingerprint scanner
2. TPM 1.2
3. Kensington cable lock slot
Audio
Integrated speakers (2W)
Integrated microphone
Input
Capacitive multi touch
Programable button x2
Capacitive pen
On-screen QWERTY keyboard
LED
Power LED
Battery LED
RFID LED
I/O
USB 3.0 x2; USB 2.0 x1
HDMI 1.4 x1
SD card slot x1 (SDXC/UHS1/UHS2)
Audio combo jack (Line-in/Line-out) x1
DC-in x1
Docking port x1 (32PIN)
(USB3.0, USB2.0, PCIE Gen2, Display port)
SIM slot x1
Battery
Main battery: 4S1P 14.4V 2730mAh
Hot-Swappable external battery: 4S2P 14.4V 4080mAh
With Hot-Swappable external battery up to 11hrs(*1)
Power Input
19V ± 5%
OS
Windows Embedded 8.1 Industry Pro (Default), Windows Embedded 8 Standard (Default),
Windows 7 Pro 64bit (By project), Linux Ubuntu (By project)
Windows 10 IoT 64 bit (By project)
44
All product specifications are subject to change without notice
Last updated: 4-Jun-2020


Similar Part No. - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 9P
10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
10-May-2022
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 10P
10.1" Industrial Tablet with Qualcomm Processor
14-Jun-2022
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results

Similar Description - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PWS-870-3S6W0E000E ADVANTECH-PWS-870-3S6W0E000E Datasheet
938Kb / 2P
10" Fully Rugged Tablet with 4th Generation Intel짰 Core??i Processor
PWS-870 ADVANTECH-PWS-870 Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
logo
GSR Technology Ltd
HU968 GSR-HU968 Datasheet
405Kb / 2P
4th generation Intel® Core™ processors, BGA 1168
logo
Advantech Co., Ltd.
MIC-6314 ADVANTECH-MIC-6314 Datasheet
938Kb / 2P
OpenVPX CPU Blade with 4th/ 5th Generation Intel® Core™ Processor
21-Jun-2017
logo
AAEON Technology
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-89H ADVANTECH-AIM-89H Datasheet
1Mb / 6P
13.3" Medical-Grade Tablet with Intel® Core™ i5 processor
28-Apr-2023
AIM-65 ADVANTECH-AIM-65_V01 Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
PWS-872 ADVANTECH-PWS-872 Datasheet
2Mb / 8P
10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
17-Oct-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com