Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9101 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9101
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9101 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
8
Final
Version: DM9101-DS-F03
July 22, 1999
Pin Description (continued)
Pin No.
Pin Name
I/O
Description
LQFP
QFP
Device Configuration/Control/Status Interface (continued)
88-91
90 - 93
OPMODE0
OPMODE1
OPMODE2
OPMODE3
I
OPMODE0 - OPMODE3:
These pins are used to control the forced or advertised operating
mode of the DM9101 (see table below). The value is latched into
the DM9101 registers at power-up/reset.
OPMODE3
OPMODE2
OPMODE1
OPMODE0
Function
0
0
0
0
Auto-neg enable
with all
capabilities with
Flow Control
0
0
0
1
Auto-neg enable
without all
capabilities
without Flow
Control
0
010
Auto-neg 100TX
FDX with Flow
Control only
0
011
Auto-neg 100TX
FDX/HDX
without Flow
Control
0
1
0
0
Auto-neg 10TP
FDX with Flow
Control only
0
1
0
1
Auto-neg 10TX
FDX/HDX
without Flow
Control
0
1
1
0
Manual select
100TX FDX
0
1
1
1
Manual select
100TX HDX
1
0
0
0
Manual select
10TX FDX
1
0
0
1
Manual select
10TX HDX
92
94
RTPR/NOD
E#
I
Repeater/Node Mode:
When set high, this bit selects REPEATER mode; when set low, it
selects NODE. In REPEATER mode or NODE mode with Full
Duplex configured, the Carrier Sense (CRS) output from the
DM9101 will be asserted only during receive activity. In NODE
mode or a mode not configured for Full Duplex operation, CRS will
be asserted during receive or transmit activity. At power-up/reset,
the value on this pin is latched into Register 16, bit 11.
93
95
BPALIGN
I
Bypass Alignment:
Allows 100Mbps transmit and receive data streams to bypass all
of the transmit and receive operations when set high.
At power-up/reset, the value on this pin is latched into bit Register
16 ,bit 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com