Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM9101
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM9101 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Final
1
Version: DM9101-DS-F03
July 22, 1999
General Description
The DM9101 is a physical-layer, single-chip, low-power
transceiver for 100Base-TX, and 10Base-T operations. On
the media side, it provides a direct interface either to
Unshielded Twisted Pair Category 5 Cable (UTP5) for
100Base-TX Fast Ethernet, or UTP5/UTP3 Cable for
10Base-T Ethernet. Through the IEEE 802.3u Media
Independent Interface (MII), the DM9101 connects to the
Medium Access Control (MAC) layer, ensuring a high inter-
operability among products from different vendors.
The DM9101 uses a low-power and high-performance
CMOS process. It contains the entire physical layer
functions of 100Base-TX as defined by IEEE 802.3u,
including the Physical Coding
Sublayer (PCS), Physical Medium Attachment (PMA),
100Base-TX Twisted Pair Physical Medium Dependent
Sublayer (TP-PMD), and a 10Base-T Encoder/Decoder
(ENC/DEC). The DM9101 provides strong support for the
Auto-negotiation function utilizing automatic media speed
and protocol selection. The DM9101 incorporates an
internal wave-shaping filter to control rise/fall time,
eliminating the need for external filtering on the 10/100Mbps
signals.
Patent-Pending Circuitry Includes:
Smart adaptive receiver equalizer
Digital algorithm for high frequency clock/data recovery
circuit
High speed wave-shaping circuit
Block Diagram
MII
Signals
MII
Interface/
Control
4B/5B
Encoder
4B/5B
Decoder
Register
Code-
group
Alignment
Descrambler
Serial to
Parallel
NRZI
to
NRZ
RX
CRM
MLT-3 to
NRZI
Adaptive
EQ
Digital
Logic
Scrambler
Parallel
to Serial
NRZ
to
NRZI
NRZI to
MLT-3
MLT-3
Driver
Rise/Fall
Time
CTL
TX CGM
LED
Driver
Collision
Detection
Carrier
Sense
Auto-
Negotiation
10BASE-T
Module
RX
TX
125M CLK
25M CLK
LED1-4#
25M OSCI
RXI+/-
RXI+/-
10TXD+/-
100TXD+/-


Similar Part No. - DM9101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9102 ETC-DM9102 Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
logo
Pulse A Technitrol Comp...
DM9102A PULSE-DM9102A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9102AF ETC-DM9102AF Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
DM9102AT ETC-DM9102AT Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
More results

Similar Description - DM9101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com