Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL074C
Description  Low-noise JFET quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074C Datasheet(HTML) 1 Page - STMicroelectronics

  TL074C Datasheet HTML 1Page - STMicroelectronics TL074C Datasheet HTML 2Page - STMicroelectronics TL074C Datasheet HTML 3Page - STMicroelectronics TL074C Datasheet HTML 4Page - STMicroelectronics TL074C Datasheet HTML 5Page - STMicroelectronics TL074C Datasheet HTML 6Page - STMicroelectronics TL074C Datasheet HTML 7Page - STMicroelectronics TL074C Datasheet HTML 8Page - STMicroelectronics TL074C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
November 2013
DocID2297 Rev 5
1/18
TL074
Low-noise JFET quad operational amplifier
Datasheet
- production data
Features
• Wide common-mode (up to VCC+) and
differential voltage range
• Low input bias and offset current
• Low noise en = 15 nV/ √Hz (typ)
• Output short-circuit protection
• High input impedance JFET input stage
• Low harmonic distortion: 0.01% (typical)
• Internal frequency compensation
• Latch up free operation
• High slew rate: 16 V/µs (typical)
Related products
• See TL071 for single version
• See TL072 for dual version
Description
The TL074, TL074A, and TL074B are high-speed
JFET input single operational amplifiers. Each of
these JFET input operational amplifiers
incorporates well matched, high-voltage JFET
and bipolar transistors in a monolithic integrated
circuit.
The devices feature high slew rates, low input
bias and offset currents, and low offset voltage
temperature coefficient.
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
D
SO14
(plastic micropackage)
Pin connections
(top view)
www.st.com


Similar Part No. - TL074C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL074C STMICROELECTRONICS-TL074C Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
TL074C TI-TL074C Datasheet
220Kb / 14P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL074CD STMICROELECTRONICS-TL074CD Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
TL074CD TI-TL074CD Datasheet
903Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CD TI-TL074CD Datasheet
487Kb / 15P
LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL074C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
logo
Fairchild Semiconductor
KF347 FAIRCHILD-KF347 Datasheet
36Kb / 6P
Quad Operational Amplifier (JFET)
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
Quad Operational Amplifier (JFET)
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
Low power JFET quad operational amplifier
25-Jul-2007
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
Low noise JFET single operational amplifier
30-Jul-2007
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
Low noise JFET quad operational amplifier
07-Jul-2008
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
Low noise JFET single operational amplifier
19-Sep-2008
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com