Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074C Datasheet(PDF) 17 Page - STMicroelectronics

Part # TL074C
Description  Low-noise JFET quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TL074C Datasheet HTML 10Page - STMicroelectronics TL074C Datasheet HTML 11Page - STMicroelectronics TL074C Datasheet HTML 12Page - STMicroelectronics TL074C Datasheet HTML 13Page - STMicroelectronics TL074C Datasheet HTML 14Page - STMicroelectronics TL074C Datasheet HTML 15Page - STMicroelectronics TL074C Datasheet HTML 16Page - STMicroelectronics TL074C Datasheet HTML 17Page - STMicroelectronics TL074C Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DocID2297 Rev 5
17/18
TL074
Revision history
18
8
Revision history
Table 6. Document revision history
Date
Revision
Changes
28-Mar-2001
1
Initial release.
30-Jul-2007
2
Added values for Rthja, Rthjc and ESD in Table 1: Absolute maximum
ratings.
Added Table 2: Operating conditions.
Expanded Table 5: Order codes.
Format update.
07-Jul-2008
3
Removed information concerning military temperature ranges
(TL074Mx, TL074AMx, TL074BMx).
Added automotive grade order codes in Table 5: Order codes.
04-Jul-2012
4
Removed commercial types TL074IYD, TL074AIYD, TL074BIYD.
Updated Table 5: Order codes.
22-Nov-2013
5
Added Related products on first page
Removed DIP package mechanical information
Table 5: Order codes:
– removed commercial types related to DIP package: TL074IN,
TL074AIN, TL074BIN, TL074CN, TL074ACN, TL074BCN;
– removed commercial types related to tube packing: TL074ID,
TL074AID, TL074BID, TL074CD, TL074ACD, TL074BCD;
– changed operating temperature range for TL074IDT, TL074AIDT,
TL074BIDT, TL074IYDT, TL074AIYDT, TL074BIYDT from -40 °C,
+105 °C to -40 °C, +125 °C;
– updated footnote for automotive parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com