Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CNE Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNE
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNE Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNE Datasheet HTML 35Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 36Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 37Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 38Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 39Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 40Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 41Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 42Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Table 2.20
I/O ports, POEG, GPT, AGT, KINT and ADC trigger timing (4 of 4)
GPT Conditions:
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
ADC
ADC trigger input pulse width 
tTRGW
1.5
—
—
tADcyc
Figure 2.31
Note:
tIcyc: ICLK cycle, tPcyc: PCLKB cycle, tPDcyc: GTCLK cycle, tADcyc: ADCLK cycle.
Note 1. This skew applies when the same driver I/O is used. If the I/O of the middle and high drivers is mixed, operation is not guaranteed.
Note 2. Constraints on input cycle:
When not switching the source clock: tPcyc × 2 < tACYC should be satisfied.
When switching the source clock: tPcyc × 6 < tACYC should be satisfied.
Note 3. Reference value.
Port
tPRW
Figure 2.14
I/O ports input timing
GTETRGn input
(n = A to D)
tPOEW
Figure 2.15
POEG input trigger timing
GTETRGn input
(n = A to D)
GPT output pins
Outputs disabled
tPOEGDI
tPOEGW
POEGGn.PIDF flag
(n = A to D)
Figure 2.16
Output Disable Time for POEG via Detection Flag in Response to the Input Level Detection of
the GTETRGn pin
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 39 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com