Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CNE Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNE
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNE Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNE Datasheet HTML 20Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 21Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 27Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
2.2.5
Operating and Standby Current
Table 2.7
Operating and standby current
Parameter
Symbol Min Typ Max Unit Test conditions
Supply
current*1
High-speed
mode
Maximum*2
ICC*3
—
—
150 mA
ICLK = 240 MHz
PCLKA = 120 MHz
PCLKB = 60 MHz
PCLKC = 60 MHz
PCLKD = 120 MHz
FCLK = 60 MHz
CoreMark®*5 *6
—
34
—
Normal mode
All peripheral clocks enabled,
while (1) code executing from
flash*4
—
44
—
All peripheral clocks disabled,
while (1) code executing from
flash*5 *6
—
28
—
Sleep mode*5 *6
—
13
78
Increase
during BGO
operation
Data flash P/E
—
6
—
Code flash P/E
—
8
—
Low-speed mode*5 *10
—
5
—
ICLK = 1 MHz
Software Standby mode
SNZCR.RXDREQEN = 1
—
—
63
ICLK = 32.768 kHz
SNZCR.RXDREQEN = 0
—
5.1
—
—
Deep
Software
Standby mode
Power supplied to Standby SRAM
—
22.7 60
µA
—
Power not
supplied to
SRAM
Power-on reset circuit low power
function disabled
—
11.3 30
—
Power-on reset circuit low power
function enabled
—
4.4
20
—
Inrush current on returning from deep
software standby mode
Inrush current*7
IRUSH
—
160 —
mA
Energy of inrush
current*7
ERUSH
—
1.0
—
µC
Analog power
supply current
During ADC conversion (1unit)
Without SH
AICC
—
4.8
6.0
mA
With SH
—
7.3
11.5 mA
PGA (1channel)
—
1
3
mA
ACMPHS (1unit)
—
0.1
0.2
mA
Temperature sensor
—
0.1
0.2
mA
During D/A conversion (1channel)*8
Without AMP output
—
0.2
0.3
mA
With AMP output
—
0.8
1.3
mA
Waiting for ADC, DAC12 conversion (all units)
—
3.8
4.5
mA
ADC, DAC12 in standby modes (all units)*9
—
0.7
10
µA
Reference
power supply
current
(VREFH0)
During ADC conversion (1unit)
AIREFH0 —
21
50
µA
Waiting for ADC conversion (all units)
—
18
50
µA
ADC in standby modes (all units)*9
—
0.03 1
µA
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions. This does not include the BGO operation.
Note 3. ICC depends on f (ICLK) as follows.
ICC Max. = 0.34 × f + 67 (max. operation in high-speed mode)
ICC Typ. = 0.095 × f + 4.7 (normal operation in high-speed mode, all peripheral clocks disabled)
ICC Typ. = 0.9 × f + 4.1 (low-speed mode)
ICC Max. = 0.045 × f + 67 (sleep mode)
Note 4. This does not include the BGO operation.
Note 5. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 6. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (3.75 MHz).
Note 7. Reference value
Note 8. The DAC12 includes the Reference current in the analog power supply current.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 24 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com