Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1429LB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1429LB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429LB Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1429LB Datasheet HTML 1Page - Renesas Technology Corp F1429LB Datasheet HTML 2Page - Renesas Technology Corp F1429LB Datasheet HTML 3Page - Renesas Technology Corp F1429LB Datasheet HTML 4Page - Renesas Technology Corp F1429LB Datasheet HTML 5Page - Renesas Technology Corp F1429LB Datasheet HTML 6Page - Renesas Technology Corp F1429LB Datasheet HTML 7Page - Renesas Technology Corp F1429LB Datasheet HTML 8Page - Renesas Technology Corp F1429LB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2020 Renesas Electronics Corporation
3
January 31, 2021
F1429MB Datasheet
Figure 18. Output P1dB.....................................................................................................................................................................................13
Figure 19. Noise Figure.....................................................................................................................................................................................14
Figure 20. Amplitude Imbalance........................................................................................................................................................................14
Figure 21. Phase Imbalance..............................................................................................................................................................................14
Figure 22. CMR ..................................................................................................................................................................................................14
Figure 23. Evaluation Kit – Top View..................................................................................................................................................................15
Figure 24. Evaluation Kit – Bottom View ............................................................................................................................................................15
Figure 25. Evaluation Kit Electrical Schematic ...................................................................................................................................................16
Figure 26. Control Pin Interface for Signal Integrity............................................................................................................................................17
List of Tables
Table 1. Pin Descriptions...................................................................................................................................................................................4
Table 2. Absolute Maximum Ratings.................................................................................................................................................................5
Table 3. Recommended Operating Conditions .................................................................................................................................................5
Table 4. Electrical Characteristics with a 5V Supply..........................................................................................................................................6
Table 5. Electrical Characteristics with a 3.3V Supply.......................................................................................................................................8
Table 6. Thermal Characteristics.....................................................................................................................................................................10
Table 7. Evaluation Kit Bill of Material (BOM) .................................................................................................................................................16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com